Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5634M Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
81
VOH_LS
CC
P Multi-voltage pad I/O
output high voltage in
low-swing
mode10,11,12,13,17
IOH_LS =
0.5 mA
Min VDDEH =
4.75 V
2.1
—
3.7
V
VOH_HS
CC
P Multi-voltage pad I/O
output high voltage in
high-swing mode17
—0.8 VDDEH
——
V
VHYS_S
CC
C Slow/medium/multi-vol
tage I/O input
hysteresis
—
0.1 * VDDEH
——
V
VHYS_F
CC
C Fast I/O input
hysteresis
—
0.1 * VDDE
——
V
VHYS_LS
CC
C Low-Swing-Mode
Multi-Voltage I/O Input
Hysteresis
hysteresis
enabled
0.25
—
—
V
IDD+IDDPLL
19
CC
P Operating current
1.2 V supplies
VDD = 1.32 V,
80 MHz
—
—
195
mA
CC
P
VDD = 1.32 V,
60 MHz
—
—
135
CC
P
VDD = 1.32 V,
40 MHz
——
98
IDDSTBY
CC
T Operating current 1 V
supplies
TJ =25
oC—
—
80
µA
CC
T
TJ =55
oC
—
—
100
µA
IDDSTBY150
CC
P Operating current
TJ=150
oC
—
—
700
A
IDDSLOW
IDDSTOP
CC
P VDD low-power mode
operating current @
1.32 V
Slow mode20
——
50
mA
C
Stop mode21
——
50
IDD33
CC
T Operating current
3.3 V supplies @
80 MHz
VRC33
4,22
——
70
mA
IDDA
IREF
IDDREG
CC
P Operating current
5.0 V supplies @
80 MHz
VDDA
——
30
mA
P
Analog
reference
supply current
——
1.0
CVDDREG
——
70
Table 19. DC electrical specifications1 (continued)
Symbol
C
Parameter
Conditions
Value2
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com