Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313EEC Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
22
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
8.2
MII, RGMII, and RTBI AC Timing Specifications
The AC timing specifications for MII, RMII, RGMII, and RTBI are presented in this section.
8.2.1
MII AC Timing Specifications
This section describes the MII transmit and receive AC timing specifications.
Output low voltage
VOL
IOL = 4.0 mA
LVDDA or LVDDB = Min
VSS
0.50
V
Input high voltage
VIH
——
2.0
LVDDA + 0.3
or
LVDDB + 0.3
V
Input low voltage
VIL
—
—
–0.3
0.90
V
Input high current
IIH
VIN
1 = LV
DDA or LVDDB
—40
μA
Input low current
IIL
VIN
1 = VSS
–600
—
μA
Note:
1. The symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.
Table 25. RGMII/RTBI DC Electrical Characteristics
Parameters
Symbol
Conditions
Min
Max
Unit
Supply voltage 2.5 V
LVDDA/LVDDB
—
2.37
2.63
V
Output high voltage
VOH
IOH = –1.0 mA
LVDDA or LVDDB = Min
2.00
LVDDA + 0.3
or
LVDDB + 0.3
V
Output low voltage
VOL
IOL = 1.0 mA
LVDDA or LVDDB = Min
VSS – 0.3
0.40
V
Input high voltage
VIH
—LVDDA or LVDDB = Min
1.7
LVDDA + 0.3
or
LVDDB + 0.3
V
Input low voltage
VIL
—LVDDA or LVDDB = Min
–0.3
0.70
V
Input high current
IIH
VIN
1 = LV
DDA or LVDDB
—10
μA
Input low current
IIL
VIN
1 = V
SS
–15
—
μA
Note:
1. Note that the symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.
Table 24. MII DC Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com