Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313EEC Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
58
Freescale Semiconductor
Timers
Figure 50 shows the PCI output AC timing conditions.
Figure 50. PCI Output AC Timing Measurement Condition
15 Timers
This section describes the DC and AC electrical specifications for the timers.
15.1
Timers DC Electrical Characteristics
Table 54 provides the DC electrical characteristics for the MPC8313E timers pins, including TIN, TOUT,
TGATE, and RTC_CLK.
15.2
Timers AC Timing Specifications
Table 55 provides the Timers input and output AC timing specifications.
Table 54. Timers DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Input high voltage
VIH
—2.1
NVDD +0.3
V
Input low voltage
VIL
—
–0.3
0.8
V
Input current
IIN
0 V
≤ VIN ≤ NVDD
—
±5
μA
Table 55. Timers Input AC Timing Specifications1
Characteristic
Symbol2
Min
Unit
Timers inputs—minimum pulse width
tTIWID
20
ns
Notes:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of SYS_CLK_IN.
Timings are measured at the pin.
2. Timers inputs and outputs are asynchronous to any visible clock. Timers outputs should be synchronized before use by any
external synchronous logic. Timers inputs are required to be valid for at least tTIWID ns to ensure proper operation
CLK
Output Delay
tPCKHOV
High-Impedance
tPCKHOZ
Output
tPCKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com