Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313EEC Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
26
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
Figure 12 provides the AC test load.
Figure 12. AC Test Load
Figure 13 shows the RMII receive AC timing diagram.
Figure 13. RMII Receive AC Timing Diagram
8.2.2
RGMII and RTBI AC Timing Specifications
Table 30 presents the RGMII and RTBI AC timing specifications.
REF_CLK clock fall time VIH(max) to VIL(min)
tRMXF
1.0
—
4.0
ns
Note:
1. The symbols used for timing specifications follow the pattern of t(first three letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tRMRDVKH symbolizes RMII
receive timing (RMR) with respect to the time data input signals (D) reach the valid state (V) relative to the tRMX clock
reference (K) going to the high (H) state or setup time. Also, tRMRDXKL symbolizes RMII receive timing (RMR) with respect to
the time data input signals (D) went invalid (X) relative to the tRMX clock reference (K) going to the low (L) state or hold time.
Note that, in general, the clock reference symbol representation is based on three letters representing the clock of a particular
functional. For example, the subscript of tRMX represents the RMII (RM) reference (X) clock. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
Table 30. RGMII and RTBI AC Timing Specifications
At recommended operating conditions with LVDDA/LVDDB of 2.5 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Data to clock output skew (at transmitter)
tSKRGT
–0.5
—
0.5
ns
Data to clock input skew (at receiver) 2
tSKRGT
1.0
—
2.8
ns
Clock cycle duration 3
tRGT
7.2
8.0
8.8
ns
Duty cycle for 1000Base-T 4, 5
tRGTH/tRGT
45
50
55
%
Table 29. RMII Receive AC Timing Specifications (continued)
At recommended operating conditions with NVDD of 3.3 V ± 0.3 V.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Output
Z0 = 50 Ω
NVDD/2
RL = 50 Ω
REF_CLK
RXD[1:0]
tRMRDXKH
tRMX
tRMXH
tRMXR
tRMXF
CRS_DV
RX_ER
tRMRDVKH
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com