Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313EEC Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
28
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
8.3
SGMII Interface Electrical Characteristics
Each SGMII port features a 4-wire AC-coupled serial link from the dedicated SerDes interface of
MPC8313E as shown in Figure 15, where CTX is the external (on board) AC-coupled capacitor. Each
output pin of the SerDes transmitter differential pair features a 50-
Ω output impedance. Each input of the
SerDes receiver differential pair features 50-
Ω on-die termination to XCOREVSS. The reference circuit
of the SerDes transmitter and receiver is shown in Figure 33.
When an eTSEC port is configured to operate in SGMII mode, the parallel interface’s output signals of
this eTSEC port can be left floating. The input signals should be terminated based on the guidelines
described in Section 22.5, “Connection Recommendations,” as long as such termination does not violate
the desired POR configuration requirement on these pins, if applicable.
When operating in SGMII mode, the TSEC_GTX_CLK125 clock is not required for this port. Instead, the
SerDes reference clock is required on SD_REF_CLK and SD_REF_CLK pins.
8.3.1
DC Requirements for SGMII SD_REF_CLK and SD_REF_CLK
The characteristics and DC requirements of the separate SerDes reference clock are described in Section 9,
“High-Speed Serial Interfaces (HSSI).”
8.3.2
AC Requirements for SGMII SD_REF_CLK and SD_REF_CLK
Table 31 lists the SGMII SerDes reference clock AC requirements. Note that SD_REF_CLK and
SD_REF_CLK are not intended to be used with, and should not be clocked by, a spread spectrum clock
source.
8.3.3
SGMII Transmitter and Receiver DC Electrical Characteristics
Table 32 and Table 33 describe the SGMII SerDes transmitter and receiver AC-coupled DC electrical
characteristics. Transmitter DC characteristics are measured at the transmitter outputs (SD_TX[n] and
SD_TX[n]) as depicted in Figure 16.
Table 31. SD_REF_CLK and SD_REF_CLK AC Requirements
Symbol
Parameter Description
Min
Typ
Max
Unit
tREF
REFCLK cycle time
—
8
—
ns
tREFCJ
REFCLK cycle-to-cycle jitter. Difference in the period of any two
adjacent REFCLK cycles
——
100
ps
tREFPJ
Phase jitter. Deviation in edge location with respect to mean
edge location
–50
—
50
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com