Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313EEC Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
85
Thermal
RθJC is device related and cannot be influenced by the user. The user controls the thermal environment to
change the case-to-ambient thermal resistance, RθCA. For instance, the user can change the size of the heat
sink, the airflow around the device, the interface material, the mounting arrangement on the printed-circuit
board, or change the thermal dissipation on the printed-circuit board surrounding the device.
To illustrate the thermal performance of the devices with heat sinks, the thermal performance has been
simulated with a few commercially available heat sinks. The heat sink choice is determined by the
application environment (temperature, airflow, adjacent component power dissipation) and the physical
space available. Because there is not a standard application environment, a standard heat sink is not
required.
Accurate thermal design requires thermal modeling of the application environment using computational
fluid dynamics software which can model both the conduction cooling and the convection cooling of the
air moving through the application. Simplified thermal models of the packages can be assembled using the
junction-to-case and junction-to-board thermal resistances listed in Table 71. More detailed thermal
models can be made available on request.
Table 71. Thermal Resistance for TEPBGAII with Heat Sink in Open Flow
Heat Sink Assuming Thermal Grease
Airflow
Thermal Resistance
(
°C/W)
Wakefield 53
× 53 × 2.5 mm pin fin
Natural convection
13.0
0.5 m/s
10.6
1 m/s
9.7
2 m/s
9.2
4 m/s
8.9
Aavid 35
× 31 × 23 mm pin fin
Natural convection
14.4
0.5 m/s
11.3
1 m/s
10.5
2 m/s
9.9
4 m/s
9.4
Aavid 30
× 30 × 9.4 mm pin fin
Natural convection
16.5
0.5 m/s
13.5
1 m/s
12.1
2 m/s
10.9
4 m/s
10.0
Aavid 43
× 41 × 16.5 mm pin fin
Natural convection
14.5
0.5 m/s
11.7
1 m/s
10.5
2 m/s
9.7
4 m/s
9.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com