Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313EEC Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
25
Ethernet: Three-Speed Ethernet, MII Management
8.2.1.3
RMII Transmit AC Timing Specifications
Table 28 provides the RMII transmit AC timing specifications.
Figure 11 shows the RMII transmit AC timing diagram.
Figure 11. RMII Transmit AC Timing Diagram
8.2.1.4
RMII Receive AC Timing Specifications
Table 29 provides the RMII receive AC timing specifications.
Table 28. RMII Transmit AC Timing Specifications
At recommended operating conditions with NVDD of 3.3 V ± 0.3 V.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
REF_CLK clock
tRMX
—20
—
ns
REF_CLK duty cycle
tRMXH/tRMX
35
—
65
%
REF_CLK to RMII data TXD[1:0], TX_EN delay
tRMTKHDX
2
—
10
ns
REF_CLK data clock rise VIL(min) to VIH(max)
tRMXR
1.0
—
4.0
ns
REF_CLK data clock fall VIH(max) to VIL(min)
tRMXF
1.0
—
4.0
ns
Note:
1. The symbols used for timing specifications follow the pattern of t(first three letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tRMTKHDX symbolizes RMII
transmit timing (RMT) for the time tRMX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that, in
general, the clock reference symbol representation is based on two to three letters representing the clock of a particular
functional. For example, the subscript of tRMX represents the RMII(RM) reference (X) clock. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
Table 29. RMII Receive AC Timing Specifications
At recommended operating conditions with NVDD of 3.3 V ± 0.3 V.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
REF_CLK clock period
tRMX
—20
—
ns
REF_CLK duty cycle
tRMXH/tRMX
35
—
65
%
RXD[1:0], CRS_DV, RX_ER setup time to REF_CLK
tRMRDVKH
4.0
—
—
ns
RXD[1:0], CRS_DV, RX_ER hold time to REF_CLK
tRMRDXKH
2.0
—
—
ns
REF_CLK clock rise VIL(min) to VIH(max)
tRMXR
1.0
—
4.0
ns
REF_CLK
TXD[1:0]
tRMTKHDX
tRMX
tRMXH
tRMXR
tRMXF
TX_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com