Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OMAP3530-HiRel Datasheet(PDF) 116 Page - Texas Instruments

Part # OMAP3530-HiRel
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel Datasheet(HTML) 116 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 112Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 113Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 114Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 115Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 116Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 117Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 118Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 119Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 239 page
background image
OMAP
DLL
vdds_dpll_dll
PowerRail
DPLL4
DPLL1
DPLL2
DPLL3
vdds_dpll_per
DPLL5
030-016
4.3.1
Digital Phase-Locked Loop (DPLL)
4.3.1.1 DPLL1 (MPU)
4.3.1.2 DPLL2 (IVA2)
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
SPRS599 – JUNE 2009
www.ti.com
Figure 4-10. DPLL and DLL Implementation
For more information on the OMAP3525 and OMAP3530 Applications Processors DPLLs and clocking
structure, see the Power, Reset, and Clock management (PRCM) chapter of the OMAP35x Applications
Processor TRM (literature number SPRUFA5).
The DPLL provides all interface clocks and some functional clocks (such as the processor clocks) of the
OMAP3525 and OMAP3530 devices.
DPLL1 and DPLL2 get an always-on clock used to produce the synthesized clock. They get a high-speed
bypass clock used to switch the DPLL output clock on this high-speed clock during bypass mode.
The high-speed bypass clock is an L3 divided clock (programmable by 1 or 2) that saves DPLL processor
power consumption when the processor does not need to run faster than the L3 clock speed, or optimizes
performance during frequency scaling.
Each DPLL synthesized frequency is set by programming M (multiplier) and N (divider) factors. In addition,
all DPLL outputs can be controlled by an independent divider (M2 to M6).
The clock generating DPLLs of the OMAP3525 and OMAP3530 devices have following features:
• Independent power domain per DPLL
• Controlled by clock-manager (CM)
• Fed with always-on system clock with independent gating control per DPLL
• Analog part supplied through dedicated power supply (1.8 V) and an embedded LDO to get rid of
1-MHz noise
• Up to five independent output dividers for simultaneous generation of multiple clock frequencies
DPLL1 is located in the MPU subsystem and supplies all clocks of the subsystem. All MPU subsystem
clocks are internally generated in the subsystem. When the core domain is on, it can use the DPLL3
(CORE DPLL) output as a high-frequency bypass input clock.
DPLL2 is located in the IVA subsystem and supplies all clocks of the subsystem. All IVA subsystem clocks
are internally generated in the subsystem. When the core domain is on, it can use the DPLL3 (CORE
DPLL) output as a high-frequency bypass input clock.
CLOCK SPECIFICATIONS
116
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com