| Electronic Components Datasheet Search |
|
TMC2193 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
TMC2193 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC. |
|
10 / 72 page ![]() TMC2193 PRODUCT SPECIFICATION 10 REV. 1.0 3/26/03 • CSMFMT = 01 , YCBCR input source with YUV and RGB outputs. Matrix configuration: Ycomposite = MCF1 * Yin U = MCF4 * CB V = MCF6 * CR G = MCF8 * (MCF1 * Yin + MCF2 * CB + MCF3 * CR) B = MCF9 * (MCF1 * Yin + MCF5 * CB) R = MCF10 * (MCF1 * Yin + MCF7 * CR) • CSMFMT = 10 , RGB input source with YUV and YPBPR outputs. Matrix configuration: Ycomposite = MCF1 * Gin + MCF2 * Bin + MCF3 * Rin U = MCF4 * Bin + MCF5 * Ycomposite V = MCF6 * Rin + MCF7 * Ycomposite Y = MCF8 * Ycomposite PB = MCF9 * U PR = MCF10 * V • CSMFMT = 11 , RGB input source with YUV and RGB outputs. Matrix configuration: Ycomposite = MCF1 * Gin + MCF2 * Bin + MCF3 * Rin U = MCF4 * Bin + MCF5 * Ycomposite V = MCF6 * Rin + MCF7 * Ycomposite G = MCF8 * Gin B = MCF9 * Bin R = MCF10 * Rin The color space matrix consists of 10 multipliers with inde- pendently adjustable coefficients, and a resolution of 0.00049 (1/2048). The amount of gain varies among coeffi- cients, Table 1 summarizes the gain for each coefficient. To aid in the programming of the color space matrix Table 2 and Table 3 provide a set of default input and output values for 100% color bars. The component values given will be after the preprocessing block and prior to the sync and ped- estal insertion. The blank, pedestal, and sync values are given as a reference. Table 4 and Table 5 give the default coefficients values for the CSM in all modes and standard video formats. Table 1. CSM Coefficient Range Coefficient Gain Range Comment MCF1 0 to 2 MCF2 -1 to 1 Must be loaded in 2’s comp format. MCF3 -1 to 1 Must be loaded in 2’s comp format. MCF4 0 to 1 11 bit coefficient. MCF5 -2 to 2 Negative values are enabled when CSMFMT is 1x, only the 12 LSB’s are required to be loaded into the control registers. Must be loaded in 2’s comp format. MCF6 0 to 1 11 bit coefficient. MCF7 -2 to 2 Negative values are enabled when CSMFMT is 1x, only the 12 LSB’s are required to be loaded into the control registers. Must be loaded in 2’s comp format. MCF8 0 to 2 MCF9 0 to 2 MCF10 0 to 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |