Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAXQ3180-RAN+ Datasheet(PDF) 70 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 70 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 66Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 67Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 68Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 69Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 70Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 71Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 72Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 74Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
70
______________________________________________________________________________________
• R_ADCACQ: Modify this register to change the
acquisition time. The acquisition time is the time from
ADC power-on until conversion starts, and is provid-
ed to allow the input amplifiers to settle. By default
this is set to 47 decimal, or 6μs at an 8MHz system
clock. If the system clock rate is changed, then
R_ADCACQ should change so that this value
remains about 6μs.
Fine-Tuning the DSP Controls
Fine-Tuning the Line Frequency Measurement
Line frequency measurement is based on zero-crossing
detection. For that purpose each voltage signal is
passed through a digital lowpass filter, controlled by
the ZC_LPF register. This register specifies the b0 coef-
ficient of a first-order LPF using following formula:
The MSB of this register must be zero.
For each phase A, B, and C, the MAXQ3180 counts the
number of scan frames (NS) between zero crossings
within a DSP cycle. Each individual phase A, B, or C
zero-crossing event contributes the raw NS count that
plugs as input to lowpass filter:
Yn = Yn - 1 + (AVG_NS/65,536) x (Xn - Yn - 1)
The filter coefficient is a signed 16-bit value and can be
configured by master. Here Y denotes the global NS
value, X denotes individual NS measurements pro-
duced by zero-crossing events detected on the phase
A, B, or C voltage channel. Note that if all three phase
voltages present, the filter above receives three inputs
each DSP cycle. The global NS value is used to gener-
ate the trigger for DSP processing. Note that the NS
value can be configured by the master, which could be
necessary if all three voltage signals are lost and no
zero-crossings are detected. The line period is then
calculated as a product of NS and the scan frame tFR.
The reciprocal of this value is the line frequency, which
can be obtained as a fixed-point value with 1 LSB =
0.001Hz by reading the LINEFR register.
Fundamental Mode Registers
The MAXQ3180 keeps another set of real and virtual
registers to track power and energy at the fundamental
line frequency. These “fundamental mode” registers
behave identically to the standard power and energy
registers, but are prefiltered to exclude harmonic
power.
The fundamental mode filter is specified in the B0FUND
and A1FUND registers. B0FUND is the feed-forward
coefficient and specifies the bandwidth of the funda-
mental mode filter; A1FUND is the feedback coefficient
and specifies the center frequency of the fundamental
mode filter.
In most cases, you can leave these filters at their
default values. If you wish to change the filter parame-
ters, first choose the desired bandwidth:
b0 =
π x bw x tFR
In this equation, bw is the desired bandwidth in hertz
and tFR is the frame period, typically 320μs. Set
B0FUND to b0 x 216. By default, B0FUND contains dec-
imal 145 (0x91) giving a bandwidth of about 2.2Hz.
To set the center frequency, calculate a1 according to
the following formula:
a1 = 2 - 2(1 - b0) x cos(2
π x fPK x tFR)
In this equation, b0 is the previously calculated feed-
forward coefficient, fPK is the desired center frequency
in hertz, and tFR is the ADC frame period. Set A1FUND
to a1 x 216. By default, A1FUND contains decimal 950
(0x3B6) giving a center frequency of 50Hz.
The fundamental mode filter is, by default, quite sharp
with 3dB points only 1.1Hz off of the center frequency.
This means that if the frequency drifts even only slight-
ly, the fundamental mode power measurement is likely
to have significant inaccuracy.
The MAXQ3180 provides a mechanism to track the fre-
quency by updating the A1FUND register on each DSP
cycle. This mechanism is automatically enabled by
default.
You may wish to disable the automatic tracking facility
under some circumstances, particularly if you have
defined a broader bandwidth than default and are com-
fortable that the frequency will not drift beyond the
passband. To disable the filter, set the DFUNA bit in the
OPMODE2 register.
You may also elect to disable fundamental mode oper-
ation completely. To do this, set the DFUN bit in the
OPMODE2 register.
Harmonic Measurement
In addition to the ability to measure power and energy
at the fundamental frequency, the MAXQ3180 provides
a mechanism to isolate a particular harmonic on any
voltage or current channel and measure the amplitude
of that harmonic.
To enable harmonic measurement, first select a voltage
or current channel to monitor. This is done in the
AUX_CFG register. The AUX_MUX field is the 3-bit
value that selects one of the three voltage channels or
one of the four current channels to monitor.
b
ZC LPF
0
16
2
=
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com