Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAXQ3180-RAN+ Datasheet(PDF) 99 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 99 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 93Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 94Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 95Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 96Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 97Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 98Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 99Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 100Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 101Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 99 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
99
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
CMOS design guidelines for any semiconductor require
that no pin be taken above DVDD or below DGND.
Violation of this guideline can result in a hard failure
(damage to the silicon inside the device) or a soft fail-
ure (unintentional modification of memory contents).
Voltage spikes above or below the device’s absolute
maximum ratings can potentially cause a devastating
IC latchup.
Microcontrollers commonly experience negative volt-
age spikes through either their power pins or general-
purpose I/O pins. Negative voltage spikes on power
pins are especially problematic as they directly couple
to the internal power buses. Devices such as keypads
can conduct electrostatic discharges directly into the
microcontroller and seriously damage the device.
System designers must protect components against
these transients that can corrupt system memory.
Specific Design Considerations for
MAXQ3180-Based Systems
To reduce the possibility of coupling noise into the
microcontroller, the system should be designed with a
crystal or oscillator in a metal case that is grounded to
the digital plane. Doing so reduces the susceptibility of
the design to fast transient noise.
Because the MAXQ3180 is designed for use in systems
where high voltages are present, care must be taken to
route all signal paths, both analog and digital, as far
away as possible from the high-voltage components.
It is possible to construct more elaborate metering
designs using multiple MAXQ3180 devices. This can be
accomplished by using a single SPI bus to connect all
the MAXQ3180 devices together but using separate
slave select lines to individually select each MAXQ3180.
Additional Documentation
Designers must ensure they have the latest MAXQ3180
errata documents. Errata sheets contain deviations
from published specifications. A MAXQ3180 errata
sheet for any specific device revision is available at
www.maxim-ic.com/errata.
Technical Support
For technical support, go to https://support.maxim-
ic.com/micro.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
28 TSSOP
U28+3
21-0066
TOP VIEW
MAXQ3180
TSSOP
25
4
AVDD
I0N
26
3
V0P
I0P
27
2
V1P
INP
28
1
V2P
VN
22
7
DVDD
I2P
23
6
VCOMM
I1N
21
8
RESET
I2N
20
9
CFQ
AGND
19
10
CFP
XTAL2
18
11
DGND
XTAL1
17
12
DVDD
IRQ
16
13
MISO
SSEL
24
5
VREF
I1P
15
14
MOSI
SCLK
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com