Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAXQ3180-RAN+ Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
17
tPOR
VRST1
BROWNOUT DETECTION
BROWNOUT DETECTION (ALWAYS
ENABLED OUTSIDE OF STOP MODE)
FORCES RESET STATE. POR = 1
BROWNOUT DETECTION DISABLED
DURING STOP MODE.
NO RESET IS GENERATED.
BROWNOUT DETECTION DISABLED.
POR LEVEL CAUSES RESET.
VPOR
INTERNAL
RESET
STOP MODE
Figure 2. Brownout Reset
to 0, meaning that the MAXQ3180 always switches to
the high-frequency clock before it begins accepting
commands in Initialization Mode.
When an external reset occurs from Stop Mode, execu-
tion (in Initialization Mode) resumes after 128 cycles of
the internal RC oscillator (or approximately 128μs).
Power-On Reset
When the MAXQ3180 is first powered up, or when the
power supply, VDVDD, drops below the VRST power-fail
trip point (outside of Stop Mode), the MAXQ3180 is
held in power-on reset. Once the power supply rises
above the VRST level, the power-on reset state is
released and all registers are reset to their defaults and
execution resumes in Initialization Mode. The high-fre-
quency external crystal (LOWPM = 0) is always select-
ed as the clock source following any power-on or
brownout reset.
In Stop Mode brownout detection is disabled, so a
power-on reset does not occur until VDVDD drops to a
lower level (VPOR). From the master’s perspective,
power-on resets and brownout resets both cause the
MAXQ3180 to reset in the same way.
Watchdog Reset
The MAXQ3180 includes a hardware watchdog timer that
is armed and periodically reset automatically during nor-
mal operation. Under normal circumstances, the
MAXQ3180 always resets the watchdog timer often
enough to prevent it from expiring. However, if an internal
error of some kind causes the MAXQ3180 to lock up or
enter an endless execution loop, the watchdog timer
expires and triggers an automatic hardware reset. There
is no register flag to indicate to the master that a watch-
dog reset has occurred, but the RESET line strobes low
briefly.
The watchdog timer does not run during Stop Mode.
Software Reset
The master initiates a software reset by setting the
SWRES (OPMODE0.3) bit to 1. When a software reset
occurs, the MAXQ3180 clears all registers to their
default states and returns to Initialization Mode, in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com