Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAXQ3180-RAN+ Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
30
______________________________________________________________________________________
Operating Mode Register 1 (OPMODE1) (0x002) (continued)
BIT
NAME
FUNCTION
These bits determine how power is calculated on each of the three phases.
00
PA = IA x VA
PB = IB x VB
PC = IC x VC
Use this configuration when the load is
connected in a wye arrangement and
neutral is connected to MAXQ3180 ground,
or when the load is connected in a delta
arrangement and isolated voltage and
current sensors are used. This
arrangement measures power in each load
branch rather than power in each source
branch.
01
PA = IA x VA
PB = IB x (-VC)
PC = IC x VC
Use this configuration when the load is
connected in a four-wire delta
arrangement. In this arrangement, the BC
leg is split and VB-N is expected to be
equal to -VC-N. Voltages are referenced to
neutral.
10
PA = IA x VA
PB = IB x (-VA - VC)
PC = IC x VC
Use this configuration when the load is
connected in a four-wire wye arrangement,
but only two voltage sensors are
available. When connected in this way,
phase B is assumed to be ground.
1:0
CONCFG
11
PA = IA x VA
PB = IB x (VA - VC)
PC = IC x VC
Use this configuration when the load is
connected as a three-wire delta and it is
desired to measure the voltage and current
inside the delta legs, but to calculate the
power in each of the source circuits. When
connected this way, source phase B is
considered ground.
V
I
II
V
V
I
I
I
V
V
V
I
I
V
V
V
I
V
I
II
V
N
V
I
I
V
V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com