Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAXQ3180-RAN+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
10
______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on DVDD Relative to DGND .........-0.3V to +4.0V
Voltage Range on AVDD Relative to AGND..........-0.3V to +4.0V
Voltage Range on AGND Relative to DGND .........-0.3V to +0.3V
Voltage Range on AVDD Relative to DVDD ..........-0.3V to +0.3V
Voltage Range on Any Pin Relative to
GND except VxP, VxN Pins ...............................-0.3V to +4.0V
Voltage Range on VxP, VxN Relative to AGND.....-4.0V to +4.0V
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Soldering Temperature .............................Refer to the IPC/
JEDEC J-STD-020 Specification.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Active Energy Linearity Error
DR 1000:1
0.1
%
Reactive Energy Linearity Error
DR 1000:1
0.2
%
Apparent Energy Linearity Error
DR 1000:1
0.5
%
RMS Voltage Linearity Error
DR 20:1
0.5
%
DR 500:1
1.0
RMS Current Linearity Error
DR 20:1
0.5
%
Line Frequency Error
0.5
%
Power Factor Error
1.0
%
ELECTRICAL CHARACTERISTICS
(VAVDD = VDVDD = VRST to 3.6V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER-SUPPLY SPECIFICATIONS
Digital Supply Voltage
VDVDD
VRST
3.6
V
Power-Fail Interrupt Trip Point
VPFW
Active mode, EPWRF = 1
2.84
3.13
V
Power-Fail Reset Trip Point
VRST
Active mode
2.70
2.99
V
Analog Supply Voltage
VAVDD
VRST
3.6
V
Analog Supply Current
IAVDD
fCLK = 8MHz
0.9
1.8
mA
Digital Supply Current
IDVDD
fCLK = 8MHz
8.5
13
mA
Low-Power Measurement Mode
Current
ILOWPM
LOWPM = 1 (Note 1)
4.2
mA
Stop-Mode Current
0.2
12
μA
DIGITAL I/O SPECIFICATIONS
Input High Voltage
VIH
0.7 x
VDVDD
V
Input Low Voltage
VIL
0.3 x
VDVDD
V
Input Hysteresis
VIHYS
VDVDD = 3.3V
500
mV
Input Leakage
IL
VIN = GND or VDVDD, pullup off
±0.01
±1
μA
METERING SPECIFICATIONS
(VAVDD = VDVDD = VRST to 3.6V, Current Channel Dynamic Range 1000:1 at TA = +25°C, unless otherwise noted.) (Note 1)
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com