Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAXQ3180-RAN+ Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
21
SPI clock idle state is low, and data is shifted in and out
on the rising edge of SCLK. Once SPI communication
with the MAXQ3180 has been established, it is possible
to alter the CKPOL and CKPHA format settings (as well
as changing the SSEL signal from active low to active
high) if desired by writing to the R_SPICF mirror register
and then reading from the special command register
UPD_SFR to copy the R_SPICF value into the internal
SPI configuration register.
Whenever the active clock edge is used for sampling
(CKPHA = 0), the transfer cycle must be started with
assertion of the SSEL signal. This requirement means
that the SSEL signal be deasserted and reasserted
between successive transfers. Conversely, when the
inactive edge is used for sampling (CKPHA = 1), the
SSEL signal may remain low through successive
transfers, allowing the active clock edge to signal the
start of a new transfer.
The clock rate used for the SPI interface is determined
by the bus master, since the MAXQ3180 always oper-
ates as an SPI slave device. However, the maximum
clock rate is limited by the system clock frequency of
the MAXQ3180. For proper communications operation,
the SPI clock frequency used by the master must be
less than or equal to the MAXQ3180’s clock frequency
divided by 4. For example, when the MAXQ3180 is run-
ning at 8MHz, the SPI clock frequency must be 2MHz
or less. And if the MAXQ3180 is running in LOWPM
Mode (or if the crystal is still warming up), the SPI clock
frequency must remain at 250kHz or less for proper
communications operation.
In addition to limiting the overall SPI bus clock rate, the
master must also include a communications delay fol-
lowing each byte transmit/receive cycle. This delay,
which provides the MAXQ3180 with time to process an
ADC sample, should be a minimum of 400 system
clocks. With default settings and running at 8MHz, this
delay time is 50μs. Reducing the system clock frequen-
cy to 1MHz (LOWPM mode) would increase this delay
period by a factor of 8 to 400μs.
SPI Communications Protocol
All transactions between the master and the
MAXQ3180 consist of the master writing to or reading
from one of the MAXQ3180’s registers. To the host, the
MAXQ3180 looks like a memory array that consists of
both RAM and ROM. This is because the ROM firmware
in the MAXQ3180 reads its operational parameters from
RAM and places its results in RAM. Consequently, con-
figuring a MAXQ3180 is as simple as performing a
block write to its RAM locations.
Some read-only memory locations in the MAXQ3180
trigger actions within the device to calculate electricity-
metering results on the fly. The specific function and
purpose of RAM and virtual ROM locations are given in
the register map. There are several different categories
of internal registers on the MAXQ3180.
• RAM Registers. The values of these registers are
stored in the internal RAM of the MAXQ3180. Some
can be read and written by the master, while others
are read-only. RAM registers are either 2 or 4 bytes
long (16 or 32 bits), although in some registers not all
the bits have defined values. Read/write registers are
generally either status/flag registers (which can be
written by either the MAXQ3180 or the master), con-
figuration registers (which are written by the master
and read by the MAXQ3180 firmware), or data regis-
ters (which are read-only and are written by the
MAXQ3180 firmware and read by the master).
• Virtual Registers. These read-only registers are not
stored in RAM; instead, they contain values that are
calculated on the fly by the MAXQ3180 firmware
when the master reads them. These registers are
used by the master to obtain values such as phase
A, B, and C active, reactive, and apparent power;
power factor; and RMS voltage and current, which
are calculated from currently collected data on an
as-needed basis. Most virtual registers are 8 bytes in
length.
• Hardware Registers. These registers control core
functions of the MAXQ3180 including the ADC and
the SPI slave bus controller. Each of these registers
(R_ACFG, R_ADCRATE, R_ADCACQ, R_SPICF, and
OPMODE0 (bit 4, EXTCLK only)) has a register loca-
tion in RAM that “shadows” the value of the hardware
register. To read from a hardware register, the mas-
ter must first read from the special command register
UPD_MIR (A00h) to copy the values from the hard-
ware registers to the mirror registers in RAM, and
then the mirror register in RAM can be read. To write
to a hardware register, the master reverses the
process by writing to the mirror RAM register and
then reading from the special command register
UPD_SFR (900h) to copy the values from the mirror
registers to the hardware registers.
• Special Command Registers. These registers
(UPD_SFR and UPD_MIR) do not return meaningful
data when read but instead trigger an operation.
Reading UPD_SFR causes values to be copied from
the mirror registers to hardware, and reading
UPD_MIR causes values to be copied from the hard-
ware to mirror registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com