Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2F35 Datasheet(PDF) 34 Page - Megawin Technology Co., Ltd

Part # MPC2F35
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35 Datasheet(HTML) 34 Page - Megawin Technology Co., Ltd

Back Button MPC2F35 Datasheet HTML 30Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 31Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 32Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 33Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 34Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 35Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 36Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 37Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 38Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
34
MPC2F35_USB Data Sheet
MEGAWIN
APPLICATION CIRCUIT
1. Normal:
Vcc
Vss
-RST
XTAL1
XTAL2
D+
D-
6M Hz
1 uF
P0/P1/P2/
P3/P4
+
-
30 pF
30 pF
0.1 uF
0.1 uF
10 uF
15 pF
30 Ω
VBus
D -
D +
GND
30 Ω
15 pF
Vss
V3.3
+
-
Note: The capacitor between RESB-pin and ground must be below 0.1uF.
2. USB keyboard:
R4
C6
C11
C10
R0
connector
1
2
3
4
C0
C2
VCC
R3
C7
Y1
6MHz
C7
0.1u
R5
R1
30
option
D2
CapsLock
C14
R2
C5
10u
C13
C12
C9
C3
C17
VCC
R2
30
C4
C8
1u
option
R7
C3
30P
R1
D3
NumLock
C5
D1
ScrollLock
VCC
C2
15P
C4
30P
C1
15P
option
C6
0.1u
U1
MPC2F35E2_40 pin DIP
3
2
1
4
14
15
16
17
18
19
20
40
38
37
36
35
34
33
32
31
30
29
28
27
5
6
9
10
11
12
13
26
25
24
23
22
21
7
8
39
D-
V3.3
D+
Vss
P1.3
P1.4
P1.5
P1.6
P1.7
P2.0
P2.1
Vcc
P0.2/LED2
P0.1/LED1
P0.0/LED0
/RST
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
Xtal1
Xtal2
P0.6
P0.7
P1.0
P1.1
P1.2
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P0.4/-INT0
P0.5/-INT1
P0.3/LED3
C8
C15
C16
R6
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com