Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2F35 Datasheet(PDF) 20 Page - Megawin Technology Co., Ltd

Part # MPC2F35
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35 Datasheet(HTML) 20 Page - Megawin Technology Co., Ltd

Back Button MPC2F35 Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 23Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 24Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
20
MPC2F35_USB Data Sheet
MEGAWIN
FPCON: Function Power Control Register
Read/Write
Address: 12H
Default: XX0X_xX00
System Reset or USB Reset
Bit
Number
Bit
Mnemonic
Function
7
-
Reserved:
Write zero to this bit.
6
-
Reserved:
Write zero to this bit.
5
FRWU
Function Remote Wake-up Trigger:
This bit is used by the function to initiate a remote wake-up on the USB bus
when uC is wake-up by the external trigger.
4
-
Reserved:
Write zero to this bit.
3
URST
USB Reset Flag:
Set by hardware when the function detects the USB bus reset. If this bit is
set, and then the chip will generate the interrupt. Should be cleared by
firmware when serving the USB reset interrupt.
2
-
Reserved:
Write zero to this bit.
1
FRSM
Function Resume Flag:
Set by hardware when the function detects the resume state on the USB
bus. If this bit is set, and then the chip will generate the interrupt. Cleared
by firmware when servicing the function resume interrupt.
0
FSUS
Function Suspend Flag:
Set by hardware when the function detects the suspend state on the USB
bus. If this bit is set, and then the chip will generate the interrupt. During the
function suspend ISR, firmware should clear this bit before enter the
suspend mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com