Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2F35 Datasheet(PDF) 18 Page - Megawin Technology Co., Ltd

Part # MPC2F35
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35 Datasheet(HTML) 18 Page - Megawin Technology Co., Ltd

Back Button MPC2F35 Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 22Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
18
MPC2F35_USB Data Sheet
MEGAWIN
USB SFR Description
DCON: Device Control Register
Read/Write
Address: 01H
Default: 0XXX_XX00
System Reset
Bit
Number
Bit
Mnemonic
Function
7
TESTEN
TEST mode Enable:
Use for test only. In normal operation, this bit should be cleared to “0”.
6
-
Reserved:
Write zero to this bit.
5
-
Reserved:
Write zero to this bit.
4
-
Reserved:
Write zero to this bit.
3
-
Reserved:
Write zero to this bit.
2
-
Reserved:
Write zero to this bit.
1
PUREN
Internal Pull-Up Resistor Enable:
When this bit is set to ‘1’, enable internal D- pull-up resistor. After setting
this bit, the device will act a connection to USB host.
0
CONPUEN
Device USP Connection Pull-up Enable:
This bit is used by FW to control whether device is connected to upper
host/hub via driving bus SE0. Set ‘1’ to release bus to expose the D- pull-
up resistor. Clear ‘0’ to force bus SE0 to inhibit the D- pull-up resistor.
Default is cleared to ‘0’ after reset. FW should set ‘1’ to enable connection
to upper host/hub.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com