Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2F35 Datasheet(PDF) 16 Page - Megawin Technology Co., Ltd

Part # MPC2F35
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35 Datasheet(HTML) 16 Page - Megawin Technology Co., Ltd

Back Button MPC2F35 Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 20Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
16
MPC2F35_USB Data Sheet
MEGAWIN
4.
Write 0 into the URD bit
Whenever USB engine finished a transaction, it will generate an interrupt to acknowledge MPC2F35.
The user can get information about the transaction through the above sequence. When USB engine
received a reset instruction from the host, it will reset by itself and generate an interrupt. When USB
engine received a wake-up instruction from the host while the device is being in the stop mode, it will
generate a signal to enable the oscillator. If the host and the device are both in the stop mode, a falling
edge on Port 3 can wake-up the device, and then remote wake up the host through USB engine.
DPM control
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00E8H
DPM_CTL
-
-
-
-
-
-
C1
C0
√
√
00E9H
DPMO
-
-
-
-
-
-
DPO
DMO
√
√
00EAH
DPMI
-
-
-
-
-
-
DPI
DMI
√
-
C1, C0: USB bus (D+ and D-) mode control selector.
1.
0x: USB bus is at the USB operation (Default)
2.
10: USB bus is at the PS/2 interface operation
DPMO: PS/2 data output on USB data bus line (D+/D-), 0: output low, 1: pull-high
DPMI: Value on the USB data bus line (Read only) while working at the PS/2 operation
MPC2F35’s USB bus lines (D+ and D -) have two operating modes: USB low speed and PS/2 interface
mode. User can program the C0 and C1 bit in the CDPM_CTL SFR to determine the operating mode of
USB bus. The DPI and DMI bit in the DPMI SFR will record the content on the D+ and D- pin
respectively.
The firmware can judge the USB bus line (D+ and D-) connection will be USB or PS/2 protocol by
reading the value of the DPI and DMI bit in the DPMI SFR. For PS/2 interface application, the C1 and
C0 in the DPM_CTL SFR have to set “10” first, thus the USB function will be unavailable. The user
programs the value of USB bus (D+/D-) into the DPO and DMO bit in the DPMO SFR when MPC2F35
controls the D+/D- pin for the PS/2 operation. When DPO/DMO is programming as writing 0, it will make
the D+/D- pin to output low. On the other hand, writing 1 will cause these pins to be pulled high. This I/O
control operation would be easy to perform the PS/2 interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com