Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2F35 Datasheet(PDF) 14 Page - Megawin Technology Co., Ltd

Part # MPC2F35
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35 Datasheet(HTML) 14 Page - Megawin Technology Co., Ltd

Back Button MPC2F35 Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 18Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
14
MPC2F35_USB Data Sheet
MEGAWIN
P3_CR: Configure P3.0 ~ P3.7 to be input or output individually. 0: input, 1: output
P3_MR: Configure the output mode of P3.0 ~ P3.7 with a 17k ohm pull-high resistor, CMOS
or NMOS open drain
When port 3 is used as the input mode, it provides the pin interrupt function while a falling edge occurs
at any pin of the port 3 and will set the P3 bit of the IRQ_ST SFR. The same event can release the stop
mode to enable the oscillator, and this interrupt also can release the halt mode if the P3 bit in the
RLH_EN SFR is set. Finally, an interrupt subroutine will be executed if setting the P3 bit in the IRQ_E
SFR.
Port 4
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00D1H
P4_BUF
BP47
BP46
BP45
BP44
BP43
BP42
BP41
BP40
√
√
00DCH
P4
-
-
-
-
-
-
P41
P40
√
-
0250H
P4_CR
-
-
-
-
-
-
CP41
CP40
√
√
0251H
P4_MR
-
-
-
-
-
-
MP41
MP40
√
√
MPC2F35 only provide two pins (P4.0 and P4.1) on the port 4, and these pins also are I/O pins. The
structure is the same with Port 0, and please refers to Port 0 for more information.
P4_BUF: Port 4 output buffer. When P4.n is configured as an output pin, it outputs the content
of P4_BUF.n.
P4: Values on Port 4 pins while reading from Port 4.
P4_CR: Configure P4.0 and P4.1 to be input or output individually. 0: input, 1: output
P4_MR: Configure the output mode of P4.0 and P4.1 with a 17k ohm pull-high resistor,
CMOS or NMOS open drain
I/O PIN
P0.n
DATA
BUS
Buffer
Output
P0_MR.1
P0_CR.x
LDA P0_BUF
Instruction
Enable
Vdd
Input/Output Pin --- P0~P4
P0_MR.0
Enable
LDA P0
Instruction
Enable
P0_CR.x
P0_MR.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com