Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2F35L Datasheet(PDF) 22 Page - Megawin Technology Co., Ltd

Part # MPC2F35L
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35L Datasheet(HTML) 22 Page - Megawin Technology Co., Ltd

Back Button MPC2F35L Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 23Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 24Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 25Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 26Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
22
MPC2F35_USB Data Sheet
MEGAWIN
FIFLG: Function Interrupt Flag Register
Read/Write
Address: 1AH
Default: XXX0_0000
System Reset or USB Reset
Bit
Number
Bit
Mnemonic
Function
7
-
Reserved:
Write zero to this bit.
6
-
Reserved:
Write zero to this bit.
5
-
Reserved:
Write zero to this bit.
4
FRXD3
Function Receive Done Flag 3:
For endpoint 3, uC can read/write-clear on this bit. This bit is cleared when
firmware writes ‘1’ to it.
3
FTXD2
Function Transmit Done Flag 2:
For endpoint 2, uC can read/write-clear on this bit. This bit is cleared when
firmware writes ‘1’ to it.
2
FTXD1
Function Transmit Done Flag 1:
For endpoint 1, uC can read/write-clear on this bit. This bit is cleared when
firmware writes ‘1’ to it.
1
FRXD0
Function Receive Done Flag 0:
For endpoint 0, uC can read/write-clear on this bit. This bit is cleared when
firmware writes ‘1’ to it.
0
FTXD0
Function Transmit Done Flag 0:
For endpoint 0, uC can read/write-clear on this bit. This bit is cleared when
firmware writes ‘1’ to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com