Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2F35L Datasheet(PDF) 33 Page - Megawin Technology Co., Ltd

Part # MPC2F35L
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35L Datasheet(HTML) 33 Page - Megawin Technology Co., Ltd

Back Button MPC2F35L Datasheet HTML 29Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 30Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 31Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 32Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 33Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 34Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 35Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 36Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 37Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
MEGAWIN
MPC2F35_USB Data Sheet
33
TXSTAT: Endpoint Transmit Status Register (Endpoint-Indexed)
Read/Write
Address: 32H
Default: 0XXX_0XXX
System Reset or USB Reset
Bit
Number
Bit
Mnemonic
Function
7
TXSEQ
Transmit Endpoint Sequence Bit (read, conditional write):
The bit will be transmitted in the next PID and toggled on a valid ACK
handshake of an IN transaction. This bit can be written by firmware if the
TXSOVW bit is set when written along with the new TXSEQ value.
6
-
Reserved:
Write zero to this bit.
5
-
Reserved:
Write zero to this bit.
4
-
Reserved:
Write zero to this bit.
3
TXSOVW
Transmit Data Sequence Overwrite Bit:
Write a "1" to this bit to allow the value of the TXSEQ bit to be overwritten.
Writing a "0" to this bit has no effect on TXSEQ. This bit always returns to
"0" when read.
2
-
Reserved:
Write zero to this bit.
1
-
Reserved:
Write zero to this bit.
0
-
Reserved:
Write zero to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com