Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3906 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3906
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3906 Datasheet(HTML) 5 Page - Microchip Technology

  MCP3906 Datasheet HTML 1Page - Microchip Technology MCP3906 Datasheet HTML 2Page - Microchip Technology MCP3906 Datasheet HTML 3Page - Microchip Technology MCP3906 Datasheet HTML 4Page - Microchip Technology MCP3906 Datasheet HTML 5Page - Microchip Technology MCP3906 Datasheet HTML 6Page - Microchip Technology MCP3906 Datasheet HTML 7Page - Microchip Technology MCP3906 Datasheet HTML 8Page - Microchip Technology MCP3906 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21948E-page 5
MCP3905/06
FIGURE 1-1:
Output Timings for Pulse Outputs and Negative Power Pin.
TIMING CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = DVDD = 4.5V – 5.5V,
AGND, DGND = 0V, MCLK = 3.58 MHz; TA = -40°C to +85°C.
Parameter
Sym
Min
Typ
Max
Units
Comment
Frequency Output
FOUT0 and FOUT1 Pulse Width
(Logic-Low)
tFW
—
275
—
ms
984376 MCLK periods
(Note 1)
HFOUT Pulse Width
tHW
—
90
—
ms
322160 MCLK periods
(Note 2)
FOUT0 and FOUT1 Pulse Period
tFP
Refer to Equation 4-1
s
HFOUT Pulse Period
tHP
Refer to Equation 4-2
s
FOUT0 to FOUT1 Falling-Edge Time
tFS2
—
0.5 tFP
—
FOUT0 to FOUT1 Min Separation
tFS
—
4/MCLK
—
FOUT0 and FOUT1 Output High Voltage
VOH
4.5
——
VIOH = 10 mA, DVDD = 5.0V
FOUT0 and FOUT1 Output Low Voltage
VOL
——
0.5
V
IOL = 10 mA, DVDD = 5.0V
HFOUT Output High Voltage
VOH
4.0
——
VIOH = 5 mA, DVDD = 5.0V
HFOUT Output Low Voltage
VOL
——
0.5
V
IOL = 5 mA, DVDD = 5.0V
High-Level Input Voltage
(All Digital Input Pins)
VIH
2.4
——
VDVDD = 5.0V
Low-Level Input Voltage
(All Digital Input Pins)
VIL
——
0.85
V
DVDD = 5.0V
Input Leakage Current
——
±3
µA
VIN = 0, VIN = DVDD
Pin Capacitance
——
10
pF
Note 3
Note 1:
If output pulse period (tFP) falls below 984376*2 MCLK periods, then tFW = 1/2 tFP.
2:
If output pulse period (tHP) falls below 322160*2 MCLK periods, then tHW = 1/2 tHP.
3:
Specified by characterization, not production tested.
FOUT0
tFP
FOUT1
HFOUT
tFW
tHP
tHW
tFS
tFS2
NEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com