Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3906 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP3906
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3906 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP3906 Datasheet HTML 5Page - Microchip Technology MCP3906 Datasheet HTML 6Page - Microchip Technology MCP3906 Datasheet HTML 7Page - Microchip Technology MCP3906 Datasheet HTML 8Page - Microchip Technology MCP3906 Datasheet HTML 9Page - Microchip Technology MCP3906 Datasheet HTML 10Page - Microchip Technology MCP3906 Datasheet HTML 11Page - Microchip Technology MCP3906 Datasheet HTML 12Page - Microchip Technology MCP3906 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21948E-page 9
MCP3905/06
Note: Unless otherwise specified, DVDD, AVDD = 5V; AGND, DGND = 0V; VREF = Internal, HPF = 1 (AC mode),
MCLK = 3.58 MHz.
FIGURE 2-11:
Measurement Error vs.
Input Frequency.
FIGURE 2-12:
Channel 0 Offset Error
(DC Mode, HPF off), G = 1.
FIGURE 2-13:
Channel 0 Offset Error
(DC Mode, HPF off), G = 8.
FIGURE 2-14:
Channel 0 Offset Error
(DC Mode, HPF Off), G = 16.
FIGURE 2-15:
Measurement Error vs. VDD
(G = 16).
FIGURE 2-16:
Measurement Error vs. VDD,
G = 16, External VREF.
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
45
50
55
60
65
70
75
Frequency (Hz)
PF = 1.0
PF = 0.5
0
500
1000
1500
2000
2500
3000
Channel 0 Offset (mV)
16384 Samples
Mean = -1.57 mV
Std. Dev = 52.5 µV
0
200
400
600
800
1000
1200
Channel 0 Offset (mV)
16384 Samples
Mean = -1.64 mV
Std. Dev = 17.4 µV
0
500
1000
1500
2000
2500
3000
3500
4000
Bin (mV)
16384 Samples
Mean = - 1.28 mV
Std. dev = - 18.1 µV
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.0001
0.0010
0.0100
0.1000
1.0000
CH0 Vp-p Amplitude (V)
VDD=4.75V
VDD=5.0V
VDD=4.5V
VDD=5.25V
VDD=5.5V
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.0001
0.0010
0.0100
0.1000
1.0000
CH0 Vp-p Amplitude (V)
VDD=4.5V
VDD=4.75V
VDD=5.0V
VDD=5.25V
VDD=5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com