Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3906 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3906
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3906 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3906 Datasheet HTML 6Page - Microchip Technology MCP3906 Datasheet HTML 7Page - Microchip Technology MCP3906 Datasheet HTML 8Page - Microchip Technology MCP3906 Datasheet HTML 9Page - Microchip Technology MCP3906 Datasheet HTML 10Page - Microchip Technology MCP3906 Datasheet HTML 11Page - Microchip Technology MCP3906 Datasheet HTML 12Page - Microchip Technology MCP3906 Datasheet HTML 13Page - Microchip Technology MCP3906 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MCP3905/06
DS21948E-page 10
© 2009 Microchip Technology Inc.
Note: Unless otherwise specified, DVDD, AVDD = 5V; AGND, DGND = 0V; VREF = Internal, HPF = 1 (AC mode),
MCLK = 3.58 MHz.
FIGURE 2-17:
Measurement Error
with External VREF, (G = 1).
FIGURE 2-18:
Measurement Error
with External VREF, (G = 8).
FIGURE 2-19:
Measurement Error
with External VREF (G = 16).
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.0001
0.0010
0.0100
0.1000
1.0000
CH0 Vp-p Amplitude (V)
+85°C
+25°C
- 40°C
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.0000
0.0001
0.0010
0.0100
0.1000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
-40°C
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.0000
0.0001
0.0010
0.0100
0.1000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
- 40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com