Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3906 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3906
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3906 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3906 Datasheet HTML 15Page - Microchip Technology MCP3906 Datasheet HTML 16Page - Microchip Technology MCP3906 Datasheet HTML 17Page - Microchip Technology MCP3906 Datasheet HTML 18Page - Microchip Technology MCP3906 Datasheet HTML 19Page - Microchip Technology MCP3906 Datasheet HTML 20Page - Microchip Technology MCP3906 Datasheet HTML 21Page - Microchip Technology MCP3906 Datasheet HTML 22Page - Microchip Technology MCP3906 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21948E-page 19
MCP3905/06
4.7
FOUT0/1 and HFOUT Output
Frequencies
The thresholds for the accumulated energy are
different for FOUT0/1 and HFOUT (i.e., they have differ-
ent transfer functions). The FOUT0/1 allowed output
frequencies are quite low in order to allow superior
integration time (see Section 4.6 “Low-Pass Filter
and DTF Converter”). The FOUT0/1 output frequency
can be calculated with the following equation:
EQUATION 4-1:
FOUT FREQUENCY
OUTPUT EQUATION
For a given DC input V, the DC and RMS values are
equivalent. For a given AC input signal with peak-to-
peak amplitude of V, the equivalent RMS value is V/
sqrt(2), assuming purely sinusoidal signals. Note that
since the active (real) power is the product of two RMS
inputs, the output frequencies of an AC signal is half
that of the DC equivalent signal, again assuming purely
sinusoidal AC signals. The constant FC depends on the
FOUT0 and FOUT1 digital settings. Table 4-3 shows
FOUT0/1 output frequencies for the different logic
settings.
F
OUT Hz
()
8.06
V
0
×
V
1
×
GF
C
×
×
V
REF
()
2
-----------------------------------------------------------
=
Where:
V0 = the RMS differential voltage on Channel 0
V1 = the RMS differential voltage on Channel 1
G = the PGA gain on Channel 0
(current channel)
FC = the frequency constant selected
VREF = the voltage reference
TABLE 4-3:
OUTPUT FREQUENCY CONSTANT FC FOR FOUT0/1 (VREF =2.4V)
F1
F0
FC (Hz)
FC (Hz)
(MCLK = 3.58 MHz)
FOUT Frequency (Hz)
with Full-Scale
DC Inputs
FOUT Frequency (Hz)
with Full-Scale
AC Inputs
00
MCLK/221
1.71
0.74
0.37
01
MCLK/220
3.41
1.48
0.74
10
MCLK/219
6.83
2.96
1.48
11
MCLK/218
13.66
5.93
2.96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com