Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3906 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3906
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3906 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3906 Datasheet HTML 1Page - Microchip Technology MCP3906 Datasheet HTML 2Page - Microchip Technology MCP3906 Datasheet HTML 3Page - Microchip Technology MCP3906 Datasheet HTML 4Page - Microchip Technology MCP3906 Datasheet HTML 5Page - Microchip Technology MCP3906 Datasheet HTML 6Page - Microchip Technology MCP3906 Datasheet HTML 7Page - Microchip Technology MCP3906 Datasheet HTML 8Page - Microchip Technology MCP3906 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21948E-page 1
MCP3905/06
Features
• Supplies active (real) power measurement for
single-phase, residential energy-metering
• Supports the IEC 62053 International Energy
Metering Specification and legacy IEC 1036/
61036/687 Specifications
• Two multi-bit, Digital-to-Analog Converters
(DACs), second-order, 16-bit, Delta-Sigma
Analog-to-Digital Converters (ADCs)
• 0.1% typical measurement error over 500:1
dynamic range (MCP3905)
• 0.1% typical measurement error over 1000:1
dynamic range (MCP3906)
• Programmable Gain Amplifier (PGA) for small-
signal inputs supports low-value shunt current
sensor
- 16:1 PGA - MCP3905
- 32:1 PGA - MCP3906
• Ultra-low drift on-chip reference: 15 ppm/°C
(typical)
• Direct drive for electromagnetic mechanical
counter and two-phase stepper motors
• Low IDD of 4 mA (typical)
• Tamper output pin for negative power indication
• Industrial Temperature Range: -40°C to +85°C
• Supplies instantaneous active (real) power on
HFOUT for meter calibration
US Patents Pending
Description
The MCP3905/06 devices are energy-metering ICs
designed to support the IEC 62053 International
Metering Standard Specification. They supply a
frequency output proportional to the average active
(real) power, as well as a higher-frequency output
proportional to the instantaneous power for meter
calibration. They include two 16-bit, delta-sigma ADCs
for a wide range of IB and IMAX currents and/or small
shunt (< 200 µOhms) meter designs. It includes an
ultra-low drift voltage reference with < 15 ppm/°C
through a specially designed band gap temperature
curve for the minimum gradient across the industrial
temperature range. A fixed-function DSP block is
on-chip for active (real) power calculation. Strong
output drive for mechanical counters are on-chip to
reduce field failures and mechanical counter sticking. A
no-load threshold block prevents any current creep
measurements. A Power-On Reset (POR) block
restricts
meter
performance
during
low-voltage
situations. These accurate energy-metering ICs with
high field reliability are available in the industry-
standard pinout.
Package Type
Functional Block Diagram
FOUT0
DGND
NEG
1
2
3
4
24
23
22
21
20
19
18
17
5
6
7
8
FOUT1
NC
OSC2
OSC1
DVDD
HPF
AVDD
NC
CH0+
CH0-
CH1-
CH1+
HFOUT
16
9
G0
MCLR
15
14
10
11
G1
F0
REFIN/OUT
AGND
13
12
F1
F2
24-Pin SSOP
16-bit
ΔΣ ADC
MCLR
+
–
CH0+
CH0-
Reference
2.4V
+
–
CH1+
CH1-
HPF1
LPF1
E-to-F
conversion
REFIN/
FOUT1
HFOUT
G0 G1
F2
F1
FOUT0
OSC1
OSC2
OUT
NEG
HPF
F0
Multi-level
16-bit
ΔΣ ADC
Multi-level
X
HPF1
PGA
POR
Energy-Metering ICs with Active (Real) Power Pulse Output
Obsolete Device
Replacement Device:
MCP3905A/MCP3906A


Similar Part No. - MCP3906

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3906 MICROCHIP-MCP3906 Datasheet
383Kb / 26P
Energy-Metering ICs with Active (Real) Power Pulse Output
2005
MCP3906 MICROCHIP-MCP3906 Datasheet
363Kb / 26P
Energy-Metering ICs with Active (Real) Power Pulse Output
2007
MCP3906-I/SS MICROCHIP-MCP3906-I/SS Datasheet
363Kb / 26P
Energy-Metering ICs with Active (Real) Power Pulse Output
2007
MCP3906A MICROCHIP-MCP3906A Datasheet
919Kb / 26P
Energy Metering ICs with Active Real Power Pulse Output
2006
MCP3906A-E/SS MICROCHIP-MCP3906A-E/SS Datasheet
563Kb / 32P
Energy Metering ICs with Active Real Power Pulse Output
05/02/11
More results

Similar Description - MCP3906

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
logo
Microchip Technology
MCP3906 MICROCHIP-MCP3906 Datasheet
383Kb / 26P
Energy-Metering ICs with Active (Real) Power Pulse Output
2005
MCP3905 MICROCHIP-MCP3905_07 Datasheet
363Kb / 26P
Energy-Metering ICs with Active (Real) Power Pulse Output
2007
MCP3905A MICROCHIP-MCP3905A Datasheet
919Kb / 26P
Energy Metering ICs with Active Real Power Pulse Output
2006
MCP3909 MICROCHIP-MCP3909 Datasheet
1Mb / 40P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2006
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909_09 Datasheet
1Mb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2009
logo
Analog Devices
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909_12 Datasheet
806Kb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
MCP3905A MICROCHIP-MCP3905A_11 Datasheet
563Kb / 32P
Energy Metering ICs with Active Real Power Pulse Output
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com