Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF0MLQ8R Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ8R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ8R Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ8R Datasheet HTML 55Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 56Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 57Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 58Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 59Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 60Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
59
3.3
Recommended operating conditions
TVDD
SR
Slope characteristics on all VDD during
power up
—0.5
3.0 × 106
(3.0 V/sec)
V/µs
VIN
SR
Voltage on any pin with respect to ground
(VSS_HV_IOx)
—
–0.3
6.0
V
Relative to VDD
–0.3
VDD +0.3
6
IINJPAD
SR
Injected input current on any pin during
overload condition
—
–10
10
mA
IINJSUM
SR
Absolute sum of all injected input currents
during overload condition
—
–50
50
mA
TSTG
SR
Storage temperature
—
–55
150
°C
NOTES:
1 Functional operating conditions are given in the DC electrical characteristics. Absolute maximum ratings are stress
ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect
device reliability or cause permanent damage to the device.
2 Absolute maximum voltages are currently maximum burn-in voltages. Absolute maximum specifications for device
stress have not yet been determined.
3 5.3 V for 10 hours cumulative over lifetime of device, 3.3 V +10% for time remaining.
4 Voltage overshoots during a high-to-low or low-to-high transition must not exceed 10 seconds per instance.
5 V
DD_HV_ADR0 and VDD_HV_ADR1 cannot be operated be operated at different voltages, and need to be supplied by
the same voltage source.
6 Only when V
DD < 5.2 V.
Table 9. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Min
Max1
Unit
VDD_HV_REG
SR 3.3 V voltage regulator supply voltage
—
3.0
3.6
V
VSS_HV_REG
SR 3.3 V voltage regulator reference voltage
—
0
0
V
VDD_HV_IOx
SR 3.3 V input/output supply voltage
—
3.0
3.6
V
VSS_HV_IOx
SR Input/output ground voltage
—
0
0
V
VDD_HV_FLA
SR 3.3 V flash supply voltage
—
3.0
3.6
V
VSS_HV_FLA
SR Flash ground
—
0
0
V
VDD_HV_OSC
SR 3.3 V crystal oscillator amplifier supply voltage
—
3.0
3.6
V
VSS_HV_OSC
SR 3.3 V crystal oscillator amplifier reference voltage
—
0
0
V
VDD_HV_ADR0
2
VDD_HV_ADR1
SR 3.3 V / 5.0 V ADC0 high reference voltage
3.3 V / 5.0 V ADC1 high reference voltage
—
4.5 to 5.5 or
3.0 to 3.3
V
VDD_HV_ADV
SR 3.3 V ADC supply voltage
—
3.0
3.6
V
VSS_HV_AD0
VSS_HV_AD1
SR ADC0 ground and low reference voltage
ADC1 ground and low reference voltage
—0
0
V
VSS_HV_ADV
SR 3.3 V ADC supply ground
—
0
0
V
VDD_LV_REGCOR
3 SR Internal supply voltage
—
—
—
V
Table 8. Absolute maximum ratings1 (continued)
Symbol
Parameter
Conditions
Min
Max2
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com