Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF0MLQ8R Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ8R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ8R Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ8R Datasheet HTML 81Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 84Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 85Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 86Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 87Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 88Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
85
Figure 22. External interrupt timing
3.17.5
FlexCAN timing
3.17.6
DSPI timing
Table 35. FlexCAN timing
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1tCANOV
CTNX output valid after CLKOUT rising edge (output
delay)
—
—
26.0
ns
2tCANSU
CNRX input valid to CLKOUT rising edge (setup time)
—
—
9.8
ns
Table 36. DSPI timing
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1tSCK
D
DSPI cycle time
Master (MTFE = 0)
62
—
ns
D
Slave (MTFE = 0)
62
—
D
Slave Receive Only Mode1
16
—
2tCSC
D
PCS to SCK delay
—
16
—
ns
3tASC
D
After SCK delay
—
16
—
ns
4tSDC
D
SCK duty cycle
—
0.4 × tSCK 0.6 × tSCK ns
5tA
D
Slave access time
SS active to SOUT valid
—
40
ns
6tDIS
D
Slave SOUT disable time
SS inactive to SOUT High-Z or invalid
—
10
ns
CLKOUT
IRQ
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com