Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF0MLQ8R Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ8R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ8R Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ8R Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
70
tlpll
D PLL lock time 6, 7
—
—
—
200
μs
tdc
D Duty cycle of reference
—40
—
60
%
CJITTER
T
CLKOUT period jitter8,9,10,11
Peak-to-peak (clock edge to clock
edge), fSYS maximum
TBD
—
TBD
%
fCLK
OUT
Long-term jitter (avg. over 2 ms
interval), fSYS maximum
–6
—
6
ns
Δt
PKJIT
T
Single period jitter (peak to peak) PHI @ 16 MHz,
Input clock @ 4 MHz
——
±500
ps
Δt
LTJIT
T
Long term jitter
PHI @ 16 MHz,
Input clock @ 4 MHz
——
±6
ns
fLCK
D
Frequency LOCK range
—–6
—
6
%
fsys
fUL
D
Frequency un-LOCK range
—–18
—
18
%
fsys
fCS
fDS
D
Modulation Depth
Center spread
±0.25
—
±4.012
%
fsys
Down Spread
–0.5
—
-8.0
fMOD
D Modulation frequency13
—
—
—
100
kHz
NOTES:
1 Considering operation with PLL not bypassed.
2 With FM, +2% maximum.
3 “Loss of Reference Frequency” window is the reference frequency range outside of which the PLL is in self clocked
mode.
4 Self clocked mode frequency is the frequency that the PLL operates at when the reference frequency falls outside
the fLOR window.
5 f
VCO self clock range is 20-150 MHz. fSCM represents fSYS after PLL output divider (ERFD) of 2 through 16 in
enhanced mode.
6 This value is determined by the crystal manufacturer and board design. For 4 MHz to 20 MHz crystals specified for
this PLL, load capacitors should not exceed these limits.
7 This specification applies to the period required for the PLL to relock after changing the MFD frequency control bits
in the synthesizer control register (SYNCR).
8 This value is determined by the crystal manufacturer and board design.
9 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum
fSYS. Measurements are made with the device powered by filtered supplies and clocked by a stable external clock
signal. Noise injected into the PLL circuitry via VDDPLL and VSSPLL and variation in crystal oscillator frequency
increase the CJITTER percentage for a given interval.
10 Proper PC board layout procedures must be followed to achieve specifications.
11 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of C
JITTER and
either fCS or fDS (depending on whether center spread or down spread modulation is enabled).
12 This value is true when operating at frequencies above 60 MHz, otherwise f
CS is 2% (above 64 MHz).
13 Modulation depth is attenuated from depth setting when operating at modulation frequencies above 50kHz.
Table 19. FMPLL electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com