Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF0MLQ8R Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ8R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ8R Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ8R Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
67
3.10
Temperature sensor electrical characteristics
VOH_S
P
Slow, high level output voltage
IOH = –1.5 mA VDD_HV_IOx –0.8
—
V
VOL_M
P
Medium, low level output voltage
IOL =2mA
—
0.5
V
VOH_M
P
Medium, high level output voltage
IOH =–2mA
VDD_HV_IOx –0.8
—
V
VOL_F
P
Fast, high level output voltage
IOL =1.5 mA
—
0.5
V
VOH_F
P
Fast, high level output voltage
IOH = –1.5 mA VDD_HV_IOx –0.8
—
V
VOL_SYM
P
Symmetric, high level output voltage
IOL =1.5 mA
—
0.5
V
VOH_SYM
P
Symmetric, high level output voltage
IOH = –1.5 mA VDD_HV_IOx –0.8
—
V
IINJ
P
DC injection current per pin
—
–1
1
mA
IPU
P
Equivalent pull-up current
VIN =VIL
–130
—
µA
VIN =VIH
—–10
IPD
P
Equivalent pull-down current
VIN =VIL
10
—
µA
VIN =VIH
—130
IIL
P
Input leakage current
(all bidirectional ports)
TJ = –40 to
+150 °C
—1
μAµA
IIL
P
Input leakage current
(all ADC input-only ports)
TJ = –40 to
+150 °C
—0.5
μAµA
VILR
P
RESET, low level input voltage
—
–0.12
0.35 VDD_HV_IOx
V
VIHR
P
RESET, high level input voltage
—
0.65 VDD_HV_IOx VDD_HV_IOx+0.1
2
V
VHYSR
D
RESET, Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
—V
VOLR
D
RESET, low level output voltage
IOL =2mA
—
0.5
V
IPD
D
RESET, equivalent pull-down current
VIN =VIL
10
—
µA
VIN =VIH
—130
NOTES:
1 These specifications are design targets and subject to change per device characterization.
2 “SR” parameter values must not exceed the absolute maximum ratings shown in Table 8.
Table 17. Temperature sensor electrical characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
—P
Accuracy
TJ = –40 °C to TA = 25 °C
–10
10
°C
TJ = TA to 125 °C
–7
7
°C
TS
D
Minimum sampling period
—
4
—
µs
Table 16. DC electrical characteristics1 (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com