Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF0MLQ8R Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ8R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ8R Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ8R Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 80Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 98 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
77
3.15
Flash memory electrical characteristics
Table 26. Flash program and erase electrical specifications
No.
Symbol
Parameter
Min
Typ1
NOTES:
1 Typical program and erase times assume nominal supply values and operation at T
J =25 °C. These values are
characterized, but not tested.
Factory
Avg2
2 Factory Average program and erase times represent the effective performance averaged over > 1024 pages or blocks,
and are provided for factory throughput estimation assuming < 100 program/erase cycles, nominal supply values and
operation at TJ =25 °C. These values are characterized, but not tested.
Initial
Max3
3 Initial Max program and erase times provide guidance for time-out limits used in the factory and apply for < 100
program/erase cycles, nominal supply values and operation at TJ =25 °C. These values are verified at production test.
Lifetime
Max4
4 Lifetime Max program and erase times apply across the voltage, temperature, and cycling range of product life. These
values are characterized, but not tested.
Unit
1TDWPROGRAM *
5
5 See Notes for individual specifications, as shown in column headings.
Double word (64 bits) program time6
6 Actual hardware programming times. These do not include software overhead.
—
39
—
—
500
µs
2TPPROGRAM *
5 Page(128 bits) program time6
—
48
53
100
500
µs
3T16KPPERASE *
5 16 KB block pre-program and erase time
—
TBD
TBD
500
5000
ms
4T48KPPERASE *
5 48 KB block pre-program and erase time
—
TBD
TBD
750
5000
ms
5T64KPPERASE *
5 64 KB block pre-program and erase time
—
TBD
TBD
900
5000
ms
6T128KPPERASE *
5 128 KB block pre-program and erase time
—
TBD
TBD
1300
7500
ms
7T256KPPERASE *
5 256 KB block pre-program and erase time
—
TBD
TBD
2600
15000
ms
Table 27. Flash module life
No.
Symbol
Parameter
Value
Unit
Min
Typ
Max
1P/E
C
Number of program/erase cycles per block for 16 KB, 48 KB,
and 64 KB blocks over the operating temperature range1
NOTES:
1 Operating temperature range is T
J from –40 °C to 150 °C.
Typical endurance is evaluated at 25 oC. Product qualification is performed to the minimum specification. For
additional information on the Freescale definition of Typical Endurance, please refer to Engineering Bulletin EB619,
Typical Endurance for Nonvolatile Memory.
100,000
—
—
cycles
2P/E
C
Number of program/erase cycles per block for 128 KB and
256 KB blocks over the operating temperature range1.
1,000
100,0002
(TBD)
2 Typical P/E cycles is 100,000 cycles for 128 KB and 256 KB blocks. For additional information on the Freescale
definition of Typical Endurance, please refer to Engineering Bulletin EB619, Typical Endurance for Nonvolatile
Memory.
—cycles
3
Retention C
Minimum data retention at 85 °C average ambient
temperature3
Blocks with 0–1,000 P/E cycles
Blocks with 1,001–10,000 P/E cycles
Blocks with 10,001–100,000 P/E cycles
3 Ambient temperature averaged over duration of application, not to exceed product operating temperature range.
20
10
5
—
—
—
—
—
—
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com