Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF0MLQ8R Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ8R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ8R Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ8R Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5643LF0MLQ8R Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
76
From this formula, in the worst case (when VA is maximum, that is for instance 5 V), assuming to accept a maximum error of
half a count, a constraint is evident on CF value:
Eqn. 15
Table 25. ADC conversion characteristics (operating)
Symbol
Parameter
Conditions1
NOTES:
1 V
DD = 3.3 V, TJ = –40 to +150 °C, unless otherwise specified and analog input voltage from VAGND to VAREF.
Min Typ Max Unit
fCK
SR
ADC Clock frequency (depends on ADC
configuration)
(The duty cycle depends on AD_CK2 frequency)
2 AD_CK clock is always half of the ADC module input clock defined via the auxiliary clock divider for the ADC.
—3
—
60
MHz
fs
SR Sampling frequency
—
—
— 1.00 MHz
tADC_S D
Sample time3
3 During the sample time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC_S. After the
end of the sample time tADC_S, changes of the analog input voltage have no effect on the conversion result. Values
for the sample clock tADC_S depend on programming.
TBD
TBD
—
—
ns
TBD
—
— TBD
µs
tADC_C P Conversion time
4
4 This parameter does not include the sample time t
ADC_S, but only the time for determining the digital result and the
time to load the result register with the conversion result.
TBD
0.625 —
—
µs
CS
5
5 See Figure 22.
D ADC input sampling capacitance
—
—
— 7.32
pF
CP1
5
D ADC input pin capacitance 1
—
—
— TBD
pF
CP2
5
D ADC input pin capacitance 2
—
—
— TBD
pF
RSW1
5
D
Internal resistance of analog source
VREF range = 4.5 to 5.5 V
—
—
0.6
k
Ω
VREF range = 3.0 to 3.6 V
—
—
0.9
k
Ω
RAD
5
D Internal resistance of analog source
—
—
—
825
Ω
IINJ
T
Input current injection
Current injection on one ADC
input, different from the
converted one. Remains
within TUE spec.
TBD
— TBD mA
INL
P Integral non linearity
—
–3
—
3
LSB
DNL
P Differential non linearity
—
–1.0
—
1.0 LSB
OFS
T Offset error
—
–4
—
4
LSB
GNE
T Gain error
—
—
±1
—
LSB
TUE
P Total unadjusted error without current injection
—
–6
—
6
LSB
TUE
T Total unadjusted error with current injection
—
TBD
— TBD LSB
C
F
2048 C
S
•
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com