Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFSL5.5MDB Datasheet(PDF) 9 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  for DC-LIN Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 9 Page - Yamar Electronics Ltd.

Back Button SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
@ 2007 Yamar Electronics Ltd.
9
DS-SIG40 R1.8
T3>1/half bit rate
Figure 4.3 - Writing to a Control Register
In order to read from a control register, the host sends one byte. The byte should be sent more than
200nSec after lowering HDC. The byte begins with the address of the register followed by ”D”H. The
SIG40 will then output the content of the register to pin HDO.
Read Command
Register Address[3:0]
D(hex)
Read Command
Figure 4.4 shows the pins involved in the reading process:
Figure 4.4 - Reading from a Control register
Note: Writing to Register 1
Writing a change frequencies command to register 1 is not always interpreted correctly by the device.
The device will switch to the correct frequencies pair however, it will not function properly, resulting a
communication lost.
Workaround: When changing frequencies by writing to register 1, use the following procedure:
Lower the H_DC.
Send a command to register 1 containing the require frequencies pair and a false bit rate.
Raise the H_DC
Lower the H_DC
Send a command to register 1 containing the require frequencies pair and the required bit rate.
Raise the H_DC.
For example, when wanting to work with frequencies 3.58MHz and 4.5MHz at 19.2Kbps the correct way
to program the device is described in Figure 4.4.1
0x15C0
0x15F0
HDI
HDC
Sending a command
for 3.58MHz/4.5MHz at
38.4Kbps
Sending a command
for 3.58MHz/4.5MHz at
19.2Kbps
Figure 4.4.1 – Writing to Register
Note: Changing only the bit rate can be done with a single write, as described above.
4.4
Loopback
The device operates like a transceiver, therefor while transmitting or writing a command the HDI signal
is looped back to the HDO pin.
T1
start bit
Address
stop bit
HDI Read
Command:
HDC:
0
1
3
2
HDI
HDC
stop
bit
T3
start
bit
Address
start
bit
stop
bit
Configuration Data
0
1
3
2
0
1
3
2
4
5
7
6
d
a
t
a
start
bit
Data
T1
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com