Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFSL5.5MDB Datasheet(PDF) 5 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  for DC-LIN Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 5 Page - Yamar Electronics Ltd.

  SFSL5.5MDB Datasheet HTML 1Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
@ 2007 Yamar Electronics Ltd.
5
DS-SIG40 R1.8
3.3.6
RxOn
High when the device is in receive mode.
3.3.7
Power Signals
There are two sets of power signals, Vcc, Gnd and VccPLL, GndPLL. See 3.6
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
Analog Interface
Protection Network
DC-Powerline
TxOn
RxOn
R23
3.3K
R11
1M
R9
1M
R10
6.8
R4
2.2
D1 BAS31
C4
0.1u
C5
2.2nF/200V
X1
32.768KHz
R3
75
C6
47p
C3
0.1
R9 6.8
C7
1n
C10
1n
C12
1n
R19
470
Q2
R15
4.3K
C8
0.1u
R18
18
C9
1n
R17
3.9K
C104
0.1u
R34
330
R7
2K
R1 10M
JP1
Host-I/F
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R5
100
R14
1K
R2
330K
R12
1K
C2
12p
R13
2.2
R24
39K
C1
12p
R7
1M
R58
100K
R59
100K
C37
1u
Ceramic Filter
C32
0.1u
FSA3157
4
1
3
6
Q1
PZT2222
U1
SIG40
HDC
5
HDI
3
HDO
1
nSleep
4
INH
2
Wake
7
DTxO
18
RxN
15
InterfHop
8
VccPLL
9
nReset
6
TxOn
19
RxOn
20
GndPLL
11
OscOut
12
OscIn
13
Vcc
14
Gnd
17
RxP
16
MF0nF1
10
R8
1M
C108
470u/4V
R101
100K
R22
1M
R26
1M
Figure 3.3 - Single channel line interface example
Notes: A SPST analog switch can replace FSA157.
3.3.8
Ceramic Filter Considerations
The SIG40 is designed to operate with one ceramic filter for transmission and reception. However, if
switching between two channels is desired, two ceramic filters are required. The minimum allowable
bandwidth of the ceramic filters is +/-70 kHz @ 3dB. Narrower bandwidth limits the maximal bit rate.
The SIG40 selectable frequencies are designed according to the market available ceramic filters.
Nominal
freq.
3 db BW 20db
BW
Insertion
loss
Stop band
attenuation
In/Out
imped.
Murata
part #
Oscilent
part #
MHz
KHz
min.
KHz
max.
dB
max.
dB
min.
Ohm
*3.58
+/-40
530
6.0
25
530
SFSH3.58MCB
4.5
+/-70
750
6.0
30
1000
SFSL4.5MDB
773-0045
5.5
+/-80
750
6.0
30
600
SFSL5.5MDB
773-0055
6.0
+/-80
750
6.0
30
470
SFSL6.0MDB
773-0060
6.5
+/-80
800
6.0
30
470
SFSL6.5MDB
773-0065
* The 3.58MHz frequency can be operated at 19.2Kbps only.
3.3.9
Communication performance
The maximal cable length between extreme devices depends mainly on the AC impedance of loads
connected to that line and number of nodes. The DC cable length has less effect on communication.
The SIG40 needs at least 20mVpp for proper reception. Good communication should be achieved if
the transmitted signal can be seen on an oscilloscope at the receiving side within the line noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com