Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFSL5.5MDB Datasheet(PDF) 12 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  for DC-LIN Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 12 Page - Yamar Electronics Ltd.

Back Button SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
@ 2007 Yamar Electronics Ltd.
12
DS-SIG40 R1.8
5
ELECTRICAL PARAMETERS
5.1
Absolute Maximal Rating
Ambient Temperature under bias
-40°C to 125°C
Storage Temperature
-55°C to 150°C
Input Voltage
-0.6V to Vcc+0.3V
Vcc Supply voltage
-0.3V to 4V
5.2
Electrical Operating Conditions
Symbol
Characteristics
Min
Typ
Max
Units
Conditions
Vcc
Supply Voltage
3.0
3.3
3.6
V
Icc
Supply Current
35
mA
Ipd
Power in Sleep mode
80
uA
5.3
DC Electrical Characteristics
Symbol
Characteristics
Vcc
Typ
Units
Conditions
VIH
Minimum high level input voltage
3.0
2.1
V
VIL
Maximum low level input voltage
3.0
0.9
V
VOH
Minimum high level output voltage
3.0
2.4
V
VOL
Minimum low level output voltage
3.0
0.4
V
IIN
Maximum input current
3.3
+/- 10
uA
5.4
Operating Temperature
Commercial:
0°C to 70°C
Industrial:
-40°C to 85°C
5.5
Package
20 lead SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com