Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 199 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 199 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 195Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 196Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 197Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 198Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 199Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 200Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 201Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 202Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 197
PIC24F16KA102 FAMILY
26.3
Deep Sleep Watchdog Timer
(DSWDT)
In PIC24F16KA102 family devices, in addition to the
WDT module, a DSWDT module is present which runs
while the device is in Deep Sleep, if enabled. It is
driven by either the SOSC or LPRC oscillator. The
clock source is selected by the Configuration bit,
DSWCKSEL (FDS<4>).
The DSWDT can be configured to generate a time-out
at 2.1 ms to 25.7 days by selecting the respective
postscaler. The postscaler can be selected by the
Configuration bits, DSWDTPS<3:0> (FDS<3:0>).
When the DSWDT is enabled, the clock source is also
enabled.
DSWDT is one of the sources that can wake-up the
device from Deep Sleep mode.
26.4
Program Verification and
Code Protection
For all devices in the PIC24F16KA102 family, code
protection for the boot segment is controlled by the
Configuration bit, BSS0, and the general segment by
the Configuration bit, GSS0. These bits inhibit external
reads and writes to the program memory space; this
has no direct effect in normal execution mode.
Write protection is controlled by bit, BWRP, for the boot
segment and bit, GWRP, for the general segment in the
Configuration Word. When these bits are programmed
to ‘0’, internal write and erase operations to program
memory are blocked.
26.5
In-Circuit Serial Programming
PIC24F16KA102 family microcontrollers can be
serially programmed while in the end application circuit.
This is simply done with two lines for clock (PGCx) and
data (PGDx) and three other lines for power, ground
and the programming voltage. This allows customers to
manufacture boards with unprogrammed devices and
then program the microcontroller just before shipping
the product. This also allows the most recent firmware
or a custom firmware to be programmed.
26.6
In-Circuit Debugger
When MPLAB® ICD 2 is selected as a debugger, the
in-circuit debugging functionality is enabled. This
function allows simple debugging functions when used
with MPLAB IDE. Debugging functionality is controlled
through the EMUCx (Emulation/Debug Clock) and
EMUDx (Emulation/Debug Data) pins.
To use the in-circuit debugger function of the device,
the design must implement ICSP connections to
MCLR,
VDD,
VSS,
PGCx,
PGDx
and
the
EMUDx/EMUCx pin pair. In addition, when the feature
is enabled, some of the resources are not available for
general use. These resources include the first 80 bytes
of data RAM and two I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com