Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 34Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 35Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 36Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 37Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 38Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 39Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 40Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 41Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 254 page
background image
TABLE 4-20:
CLOCK CONTROL REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
RCON
0740
TRAPR
IOPUWR SBOREN
—
—
DPSLP
—
PMSLP
EXTR
SWR
SWDTEN
WDTO
SLEEP
IDLE
BOR
POR
(Note 1)
OSCCON
0742
—
COSC2
COSC1
COSC0
—
NOSC2
NOSC1
NOSC0 CLKLOCK
—
LOCK
—CF
—
SOSCEN OSWEN (Note 2)
CLKDIV
0744
ROI
DOZE2
DOZE1
DOZE0
DOZEN
RCDIV2
RCDIV1 RCDIV0
—
—
—
—
—
—
—
—
3140
OSCTUN
0748
—
—
—
—
—
—
—
—
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
0000
REFOCON
074E
ROEN
—
ROSSLP
ROSEL
RODIV3
RODIV2
RODIV1 RODIV0
—
—
—
—
—
—
—
—
0000
HLVDCON
0756
HLVDEN
—HLSIDL
—
—
—
—
—
VDIR
BGVST
IRVST
—
HLVDL3
HLVDL2
HLVDL1
HLVDL0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
RCON register Reset values are dependent on type of Reset.
2:
OSCCON register Reset values are dependent on configuration fuses and by type of Reset.
TABLE 4-21:
DEEP SLEEP REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets(1)
DSCON
0758
DSEN
—
—
—
—
—
—
—
—
—
—
—
—
—
DSBOR
RELEASE
0000
DSWSRC
075A
—
—
—
—
—
—
—DSINT0
DSFLT
—
—
DSWDT DSRTCC DSMCLR
—
DSPOR
0000
DSGPR0
075C
Deep Sleep General Purpose Register 0
0000
DSGPR1
075E
Deep Sleep General Purpose Register 1
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
The Deep Sleep registers are only reset on a VDD POR event.
TABLE 4-22:
NVM REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
NVMCON
0760
WR
WREN
WRERR PGMONLY
—
—
—
—
—
ERASE
NVMOP5
NVMOP4
NVMOP3
NVMOP2 NVMOP1
NVMOP0
0000(1)
NVMKEY
0766
—
—
—
—
—
—
—
—
NVMKEY7
NVMKEY6 NVMKEY5 NVMKEY4 NVMKEY3 NVMKEY2 NVMKEY1 NVMKEY0 0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Reset value shown is for POR only. Value on other Reset states is dependent on the state of memory write or erase operations at the time of Reset.
TABLE 4-23:
PMD REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All Resets
PMD1
0770
—
—
T3MD T2MD T1MD
—
—
—
I2C1MD
U2MD
U1MD
—
SPI1MD
—
—ADC1MD
0000
PMD2
0772
—
—
—
—
—
—
—IC1MD
—
—
—
—
—
—
—OC1MD
0000
PMD3
0774
—
—
—
—
—
CMPMD
RTCCMD
—CRCPMD
—
—
—
—
—
—
—
0000
PMD4
0776
—
—
—
—
—
—
—
—
—
—
—
EEMD
REFOMD
CTMUMD
HLVDMD
—
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com