Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 44Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 45Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 46Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 47Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 48Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 49Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 50Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 51Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 46
Preliminary
© 2009 Microchip Technology Inc.
5.5.1
PROGRAMMING ALGORITHM FOR
FLASH PROGRAM MEMORY
The user can program one row of Flash program
memory at a time by erasing the programmable row.
The general process is:
1.
Read
a
row
of
program
memory
(32 instructions) and store in data RAM.
2.
Update the program data in RAM with the
desired new data.
3.
Erase a row (see Example 5-1):
a)
Set the NVMOP bits (NVMCON<5:0>) to
‘011000’ to configure for row erase. Set the
ERASE
(NVMCON<6>)
and
WREN
(NVMCON<14>) bits.
b)
Write the starting address of the block to be
erased into the TBLPAG and W registers.
c)
Write 55h to NVMKEY.
d)
Write AAh to NVMKEY.
e)
Set the WR bit (NVMCON<15>). The erase
cycle begins and the CPU stalls for the
duration of the erase cycle. When the erase is
done, the WR bit is cleared automatically.
4.
Write the first 32 instructions from data RAM into
the program memory buffers (see Example 5-1).
5.
Write the program block to Flash memory:
a) Set the NVMOP bits to ‘011000’ to
configure for row programming. Clear the
ERASE bit and set the WREN bit.
b) Write 55h to NVMKEY.
c)
Write AAh to NVMKEY.
d)
Set the WR bit. The programming cycle
begins and the CPU stalls for the duration of
the write cycle. When the write to Flash
memory is done, the WR bit is cleared
automatically.
For protection against accidental operations, the write
initiate sequence for NVMKEY must be used to allow
any erase or program operation to proceed. After the
programming command has been executed, the user
must wait for the programming time until programming
is complete. The two instructions following the start of
the programming sequence should be NOPs, as
displayed in Example 5-5.
EXAMPLE 5-1:
ERASING A PROGRAM MEMORY ROW – ASSEMBLY LANGUAGE CODE
; Set up NVMCON for row erase operation
MOV
#0x4058, W0
;
MOV
W0, NVMCON
; Initialize NVMCON
; Init pointer to row to be ERASED
MOV
#tblpage(PROG_ADDR), W0
;
MOV
W0, TBLPAG
; Initialize PM Page Boundary SFR
MOV
#tbloffset(PROG_ADDR), W0
; Initialize in-page EA[15:0] pointer
TBLWTL
W0, [W0]
; Set base address of erase block
DISI
#5
; Block all interrupts
for next 5 instructions
MOV
#0x55, W0
MOV
W0, NVMKEY
; Write the 55 key
MOV
#0xAA, W1
;
MOV
W1, NVMKEY
; Write the AA key
BSET
NVMCON, #WR
; Start the erase sequence
NOP
; Insert two NOPs after the erase
NOP
; command is asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com