Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 87Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 88Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 89Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 90Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 91Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 92Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 93Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 94Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 89
PIC24F16KA102 FAMILY
REGISTER 8-24:
INTTREG: INTERRUPT CONTROL AND STATUS REGISTER
R-0
U-0
R/W-0
U-0
R-0
R-0
R-0
R-0
CPUIRQ
—VHOLD
—ILR<3:0>
bit 15
bit 8
U-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
—
VECNUM<6:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CPUIRQ:
Interrupt Request from Interrupt Controller CPU bit
1
= An interrupt request has occurred but has not yet been Acknowledged by the CPU (this will
happen when the CPU priority is higher than the interrupt priority)
0
= No interrupt request is left unacknowledged
bit 14
Unimplemented:
Read as ‘0’
bit 13
VHOLD:
Allows Vector Number Capture and Changes what Interrupt is Stored in VECNUM bit
1
= VECNUM will contain the value of the highest priority pending interrupt, instead of the current
interrupt
0
= VECNUM will contain the value of the last Acknowledged interrupt (last interrupt that has occurred
with higher priority than the CPU, even if other interrupts are pending)
bit 12
Unimplemented:
Read as ‘0’
bit 11-8
ILR<3:0>:
New CPU Interrupt Priority Level bits
1111
= CPU Interrupt Priority Level is 15
•
•
•
0001
= CPU Interrupt Priority Level is 1
0000
= CPU Interrupt Priority Level is 0
bit 7
Unimplemented:
Read as ‘0’
bit 6-0
VECNUM<6:0>:
Vector Number of Pending Interrupt bits
0111111
= Interrupt Vector pending is number 135
•
•
•
0000001
= Interrupt Vector pending is number 9
0000000
= Interrupt Vector pending is number 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com