Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 39Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 40Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 41Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 42Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 43Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 44Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 45Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 46Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 41
PIC24F16KA102 FAMILY
Any other iteration of the REPEAT loop will allow the
instruction accessing data, using PSV, to execute in a
single cycle.
FIGURE 4-7:
PROGRAM SPACE VISIBILITY OPERATION
23
15
0
PSVPAG
Data Space
Program Space
0000h
8000h
FFFFh
00
000000h
800000h
002BFEh
When CORCON<2> = 1 and EA<15> = 1:
PSV Area
The data in the page
designated by
PSVPAG is mapped
into the upper half of
the data memory
space....
Data EA<14:0>
...while the lower 15 bits
of the EA specify an exact
address within the PSV
area. This corresponds
exactly to the same lower
15 bits of the actual
program space address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com