Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 89Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 90Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 91Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 92Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 93Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 94Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 95Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 96Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 91
PIC24F16KA102 FAMILY
9.0
OSCILLATOR
CONFIGURATION
The oscillator system for the PIC24F16KA102 family of
devices has the following features:
• A total of five external and internal oscillator options
as clock sources, providing 11 different clock
modes.
• On-chip 4x Phase Locked Loop (PLL) to boost
internal operating frequency on select internal and
external oscillator sources.
• Software-controllable switching between various
clock sources.
• Software-controllable postscaler for selective
clocking of CPU for system power savings.
• System frequency range declaration bits for EC
mode. When using an external clock source, the
current consumption is reduced by setting the
declaration bits to the expected frequency range.
• A Fail-Safe Clock Monitor (FSCM) that detects clock
failure and permits safe application recovery or
shutdown.
Figure 9-1 provides a simplified diagram of the oscillator
system.
FIGURE 9-1:
PIC24F16KA102 FAMILY CLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended
to
be
a
comprehensive
reference source. For more information
on Oscillator Configuration, refer to the
“PIC24F Family Reference
Manual”
,
Section 38. “Oscillator with 500 kHz
Low-Power FRC”
(DS39726).
Secondary Oscillator
SOSCEN
Enable
Oscillator
SOSCO
SOSCI
Clock Source Option
for Other Modules
OSCI
OSCO
Primary Oscillator
XT, HS, EC
CLKDIV<10:8>
WDT, PWRT, DSWDT
FRCDIV
31 kHz (nominal)
8 MHz
FRC
LPRC
Oscillator
SOSC
LPRC
Clock Control Logic
Fail-Safe
Clock
Monitor
FRC
4 x PLL
XTPLL, HSPLL
ECPLL,FRCPLL
8 MHz
4 MHz
CPU
Peripherals
CLKDIV<14:12>
CLKO
Reference Clock
Generator
REFO
REFOCON<15:8>
Oscillator
500 kHz
LPFRC
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com