Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 24Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 25Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 26Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 27Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 28Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 29Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 30Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 31Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 26
Preliminary
© 2009 Microchip Technology Inc.
4.1.1
PROGRAM MEMORY
ORGANIZATION
The program memory space is organized in
word-addressable blocks. Although it is treated as
24 bits wide, it is more appropriate to think of each
address of the program memory as a lower and upper
word, with the upper byte of the upper word being
unimplemented. The lower word always has an even
address, while the upper word has an odd address
(Figure 4-2).
Program memory addresses are always word-aligned
on the lower word, and addresses are incremented or
decremented by two during code execution. This
arrangement also provides compatibility with data
memory space addressing and makes it possible to
access data in the program memory space.
4.1.2
HARD MEMORY VECTORS
All PIC24F devices reserve the addresses between
00000h and 000200h for hard coded program
execution vectors. A hardware Reset vector is provided
to redirect code execution from the default value of the
PC on device Reset to the actual start of code. A GOTO
instruction is programmed by the user at 000000h with
the actual address for the start of code at 000002h.
PIC24F devices also have two interrupt vector
tables, located from 000004h to 0000FFh and
000104h to 0001FFh. These vector tables allow each
of the many device interrupt sources to be handled
by separate ISRs. Section 8.1 “Interrupt Vector
(IVT) Table”
discusses the interrupt vector tables
more in detail.
4.1.3
DATA EEPROM
In the PIC24F16KA102 family, the data EEPROM is
mapped to the top of the user program memory space,
starting at address 7FFE00 and expanding up to
address 7FFFFF.
The data EEPROM is organized as 16-bit wide memory
and 256 words deep. This memory is accessed using
table read and write operations similar to the user code
memory.
4.1.4
DEVICE CONFIGURATION WORDS
Table 4-1 provides the addresses of the device Config-
uration Words for the PIC24F16KA102 family. Their
location in the memory map is displayed in Figure 4-1.
Refer to Section 26.1 “Configuration Bits” for more
information on device Configuration Words.
TABLE 4-1:
DEVICE CONFIGURATION
WORDS FOR PIC24F16KA102
FAMILY DEVICES
FIGURE 4-2:
PROGRAM MEMORY ORGANIZATION
Configuration Word
Configuration Word
Addresses
FBS
F80000
FGS
F80004
FOSCSEL
F80006
FOSC
F80008
FWDT
F8000A
FPOR
F8000C
FICD
F8000E
FDS
F80010
0
8
16
PC Address
000000h
000002h
000004h
000006h
23
00000000
00000000
00000000
00000000
Program Memory
‘Phantom’ Byte
(read as ‘0’)
least significant word
most significant word
Instruction Width
000001h
000003h
000005h
000007h
msw
Address
(lsw Address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com