Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 210 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 210 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 206Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 207Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 208Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 209Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 210Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 211Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 212Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 213Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 208
Preliminary
© 2009 Microchip Technology Inc.
PWRSAV
PWRSAV
#lit1
Go into Sleep or Idle mode
1
1
WDTO, Sleep
RCALL
RCALL
Expr
Relative Call
1
2
None
RCALL
Wn
Computed Call
1
2
None
REPEAT
REPEAT
#lit14
Repeat Next Instruction lit14 + 1 times
1
1
None
REPEAT
Wn
Repeat Next Instruction (Wn) + 1 times
1
1
None
RESET
RESET
Software Device Reset
1
1
None
RETFIE
RETFIE
Return from Interrupt
1
3 (2)
None
RETLW
RETLW
#lit10,Wn
Return with Literal in Wn
1
3 (2)
None
RETURN
RETURN
Return from Subroutine
1
3 (2)
None
RLC
RLC
f
f = Rotate Left through Carry f
1
1
C, N, Z
RLC
f,WREG
WREG = Rotate Left through Carry f
1
1
C, N, Z
RLC
Ws,Wd
Wd = Rotate Left through Carry Ws
1
1
C, N, Z
RLNC
RLNC
f
f = Rotate Left (No Carry) f
1
1
N, Z
RLNC
f,WREG
WREG = Rotate Left (No Carry) f
1
1
N, Z
RLNC
Ws,Wd
Wd = Rotate Left (No Carry) Ws
1
1
N, Z
RRC
RRC
f
f = Rotate Right through Carry f
1
1
C, N, Z
RRC
f,WREG
WREG = Rotate Right through Carry f
1
1
C, N, Z
RRC
Ws,Wd
Wd = Rotate Right through Carry Ws
1
1
C, N, Z
RRNC
RRNC
f
f = Rotate Right (No Carry) f
1
1
N, Z
RRNC
f,WREG
WREG = Rotate Right (No Carry) f
1
1
N, Z
RRNC
Ws,Wd
Wd = Rotate Right (No Carry) Ws
1
1
N, Z
SE
SE
Ws,Wnd
Wnd = Sign-Extended Ws
1
1
C, N, Z
SETM
SETM
f
f = FFFFh
1
1
None
SETM
WREG
WREG = FFFFh
1
1
None
SETM
Ws
Ws = FFFFh
1
1
None
SL
SL
f
f = Left Shift f
1
1
C, N, OV, Z
SL
f,WREG
WREG = Left Shift f
1
1
C, N, OV, Z
SL
Ws,Wd
Wd = Left Shift Ws
1
1
C, N, OV, Z
SL
Wb,Wns,Wnd
Wnd = Left Shift Wb by Wns
1
1
N, Z
SL
Wb,#lit5,Wnd
Wnd = Left Shift Wb by lit5
1
1
N, Z
SUB
SUB
f
f = f – WREG
1
1
C, DC, N, OV, Z
SUB
f,WREG
WREG = f – WREG
1
1
C, DC, N, OV, Z
SUB
#lit10,Wn
Wn = Wn – lit10
1
1
C, DC, N, OV, Z
SUB
Wb,Ws,Wd
Wd = Wb – Ws
1
1
C, DC, N, OV, Z
SUB
Wb,#lit5,Wd
Wd = Wb – lit5
1
1
C, DC, N, OV, Z
SUBB
SUBB
f
f = f – WREG – (C)
1
1
C, DC, N, OV, Z
SUBB
f,WREG
WREG = f – WREG – (C)
1
1
C, DC, N, OV, Z
SUBB
#lit10,Wn
Wn = Wn – lit10 – (C)
1
1
C, DC, N, OV, Z
SUBB
Wb,Ws,Wd
Wd = Wb – Ws – (C)
1
1
C, DC, N, OV, Z
SUBB
Wb,#lit5,Wd
Wd = Wb – lit5 – (C)
1
1
C, DC, N, OV, Z
SUBR
SUBR
f
f = WREG – f
1
1
C, DC, N, OV, Z
SUBR
f,WREG
WREG = WREG – f
1
1
C, DC, N, OV, Z
SUBR
Wb,Ws,Wd
Wd = Ws – Wb
1
1
C, DC, N, OV, Z
SUBR
Wb,#lit5,Wd
Wd = lit5 – Wb
1
1
C, DC, N, OV, Z
SUBBR
SUBBR
f
f = WREG – f – (C)
1
1
C, DC, N, OV, Z
SUBBR
f,WREG
WREG = WREG – f – (C)
1
1
C, DC, N, OV, Z
SUBBR
Wb,Ws,Wd
Wd = Ws – Wb – (C)
1
1
C, DC, N, OV, Z
SUBBR
Wb,#lit5,Wd
Wd = lit5 – Wb – (C)
1
1
C, DC, N, OV, Z
SWAP
SWAP.b
Wn
Wn = Nibble Swap Wn
1
1
None
SWAP
Wn
Wn = Byte Swap Wn
1
1
None
TBLRDH
TBLRDH
Ws,Wd
Read Prog<23:16> to Wd<7:0>
1
2
None
TABLE 28-2:
INSTRUCTION SET OVERVIEW (CONTINUED)
Assembly
Mnemonic
Assembly Syntax
Description
# of
Words
# of
Cycles
Status Flags
Affected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com