Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 219 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 219 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 215Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 216Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 217Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 218Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 219Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 220Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 221Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 222Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 223Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 217
PIC24F16KA102 FAMILY
TABLE 29-8:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD)
DC CHARACTERISTICS
Standard Operating Conditions: 1.8V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Parameter
No.
Typical(1)
Max
Units
Conditions
Power-Down Current (IPD): PMD Bits are Set, PMSLP Bit is ‘0’(2)
DC60
0.025
0.200
μA
-40°C
1.8V
Base Power-Down Current
(Sleep)(3)
DC60a
0.200
+25°C
DC60b
0.870
+60°C
DC60c
1.350
+85°C
DC60d
0.105
0.540
μA
-40°C
3.3V
DC60e
0.540
+25°C
DC60f
1.680
+60°C
DC60g
2.450
+85°C
DC70
0.020
0.150
μA
-40°C
1.8V
Base Deep Sleep Current
DC70a
0.150
+25°C
DC70b
0.430
+60°C
DC70c
0.630
+85°C
DC70d
0.035
0.300
μA
-40°C
3.3V
DC70e
0.300
+25°C
DC70f
0.700
+60°C
DC70g
0.980
+85°C
DC61
0.67
0.65
μA
-40°C
1.8V
Watchdog Timer Current: WDT(3,4)
DC61a
0.65
+25°C
DC61b
0.65
+60°C
DC61c
0.65
+85°C
DC61d
0.87
0.95
μA
-40°C
3.3V
DC61e
0.95
+25°C
DC61f
0.95
+60°C
DC61g
0.95
+85°C
Note 1:
Data in the Typical column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
Base IPD is measured with all peripherals and clocks shut down. All I/Os are configured as inputs and pulled
high. WDT, etc., are all switched off.
3:
The
Δ current is the additional current consumed when the module is enabled. This current should be added to
the base IPD current.
4:
Current applies to Sleep only.
5:
Current applies to Sleep and Deep Sleep.
6:
Current applies to Deep Sleep only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com