Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 104Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 105Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 106Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 107Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 108Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 109Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 110Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 111Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 106
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 10-2:
DSWSRC: DEEP SLEEP WAKE-UP SOURCE REGISTER(1)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0, HS
—
—
—
—
—
—
—DSINT0
bit 15
bit 8
R/W-0, HS
U-0
U-0
R/W-0, HS
R/W-0, HS
R/W-0, HS
U-0
R/W-0, HS
DSFLT
—
—
DSWDT
DSRTCC
DSMCLR
—
DSPOR(2,3)
bit 7
bit 0
Legend:
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-9
Unimplemented:
Read as ‘0’
bit 8
DSINT0:
Interrupt-on-Change bit
1
= Interrupt-on-change was asserted during Deep Sleep
0
= Interrupt-on-change was not asserted during Deep Sleep
bit 7
DSFLT:
Deep Sleep Fault Detected bit
1
= A Fault occurred during Deep Sleep, and some Deep Sleep configuration settings may have been
corrupted
0
= No Fault was detected during Deep Sleep
bit 6-5
Unimplemented:
Read as ‘0’
bit 4
DSWDT:
Deep Sleep Watchdog Timer Time-out bit
1
= The Deep Sleep Watchdog Timer timed out during Deep Sleep
0
= The Deep Sleep Watchdog Timer did not time out during Deep Sleep
bit 3
DSRTCC:
Real-Time Clock and Calendar Alarm bit
1
= The Real-Time Clock and Calendar triggered an alarm during Deep Sleep
0
= The Real-Time Clock and Calendar did not trigger an alarm during Deep Sleep
bit 2
DSMCLR:
MCLR Event bit
1
= The MCLR pin was active and was asserted during Deep Sleep
0
= The MCLR pin was not active, or was active, but not asserted during Deep Sleep
bit 1
Unimplemented:
Read as ‘0’
bit 0
DSPOR:
Power-on Reset Event bit(2,3)
1
= The VDD supply POR circuit was active and a POR event was detected
0
= The VDD supply POR circuit was not active, or was active but did not detect a POR event
Note 1:
All register bits are cleared when the DSCON<DSEN> bit is set.
2:
All register bits are reset only in the case of a POR event outside Deep Sleep mode, except bit DSPOR,
which does not reset on a POR event that is caused due to a Deep Sleep exit.
3:
Unlike the other bits in this register, this bit can be set outside of Deep Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com