Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 109Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 110Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 111Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 112Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 113Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 114Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 115Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 116Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 111
PIC24F16KA102 FAMILY
12.0
TIMER1
The Timer1 module is a 16-bit timer which can serve as
the time counter for the Real-Time Clock (RTC), or
operate as a free-running, interval timer/counter. Timer1
can operate in three modes:
•16-Bit Timer
• 16-Bit Synchronous Counter
• 16-Bit Asynchronous Counter
Timer1 also supports these features:
• Timer Gate Operation
• Selectable Prescaler Settings
• Timer Operation during CPU Idle and Sleep
modes
• Interrupt on 16-Bit Period Register Match or
Falling Edge of External Gate Signal
Figure 12-1 presents a block diagram of the 16-bit
Timer1 module.
To configure Timer1 for operation:
1.
Set the TON bit (= 1).
2.
Select the timer prescaler ratio using the
TCKPS<1:0> bits.
3.
Set the Clock and Gating modes using the TCS
and TGATE bits.
4.
Set or clear the TSYNC bit to configure
synchronous or asynchronous operation.
5.
Load the timer period value into the PR1
register.
6.
If interrupts are required, set the interrupt enable
bit, T1IE. Use the priority bits, T1IP<2:0>, to set
the interrupt priority.
FIGURE 12-1:
16-BIT TIMER1 MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on Timers,
refer to the “PIC24F Family Reference
Manual”
,
Section
14.
“Timers”
(DS39704).
TON
Sync
SOSCI
SOSCO/
PR1
Set T1IF
Equal
Comparator
TMR1
Reset
SOSCEN
1
0
TSYNC
Q
Q
D
CK
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
TGATE
TCY
1
0
T1CK
TCS
1x
01
TGATE
00
Gate
Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com