Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F505-I/MS Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC16F505-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-I/MS Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC16F505-I/MS Datasheet HTML 23Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 24Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 25Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 26Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 27Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 28Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 29Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 30Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 27
PIC12F508/509/16F505
4.7
Program Counter
As a program instruction is executed, the Program
Counter (PC) will contain the address of the next
program instruction to be executed. The PC value is
increased by one every instruction cycle, unless an
instruction changes the PC.
For a GOTO instruction, bits 8:0 of the PC are provided
by the GOTO instruction word. The Program Counter
(PCL) is mapped to PC<7:0>. Bit 5 of the STATUS
register provides page information to bit 9 of the PC
(Figure 4-6).
For a CALL instruction, or any instruction where the
PCL is the destination, bits 7:0 of the PC again are
provided by the instruction word. However, PC<8>
does not come from the instruction word, but is always
cleared (Figure 4-6).
Instructions where the PCL is the destination, or modify
PCL instructions, include MOVWF PC, ADDWF PC and
BSF PC,5.
FIGURE 4-6:
LOADING OF PC
BRANCH INSTRUCTIONS
4.7.1
EFFECTS OF RESET
The PC is set upon a Reset, which means that the PC
addresses the last location in the last page (i.e., the
oscillator
calibration
instruction).
After
executing
MOVLW
XX
, the PC will roll over to location 00h and
begin executing user code.
The STATUS register page preselect bits are cleared
upon a Reset, which means that page 0 is pre-selected.
Therefore, upon a Reset, a
GOTO
instruction will
automatically cause the program to jump to page 0 until
the value of the page bits is altered.
4.8
Stack
The PIC12F508/509/16F505 devices have a 2-deep,
12-bit wide hardware PUSH/POP stack.
A CALL instruction will PUSH the current value of Stack
1 into Stack 2 and then PUSH the current PC value,
incremented by one, into Stack Level 1. If more than two
sequential CALLs are executed, only the most recent two
return addresses are stored.
A RETLW instruction will POP the contents of Stack
Level 1 into the PC and then copy Stack Level 2
contents into Stack Level 1. If more than two sequential
RETLW
s are executed, the stack will be filled with the
address previously stored in Stack Level 2. Note that
the W register will be loaded with the literal value
specified in the instruction. This is particularly useful for
the implementation of data look-up tables within the
program memory.
Note:
Because PC<8> is cleared in the CALL
instruction or any modify PCL instruction,
all subroutine calls or computed jumps are
limited to the first 256 locations of any
program memory page (512 words long).
PA0
Status
PC
87
0
PCL
9
10
Instruction Word
7
0
GOTO
Instruction
CALL
or Modify PCL Instruction
11
PA0
Status
PC
87
0
PCL
9
10
Instruction Word
7
0
11
Reset to ‘0’
Note 1: There are no Status bits to indicate stack
overflows or stack underflow conditions.
2: There are no instruction mnemonics
called PUSH or POP. These are actions
that occur from the execution of the CALL
and RETLW instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com