Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F505-I/MS Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC16F505-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-I/MS Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC16F505-I/MS Datasheet HTML 51Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 52Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 53Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 54Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 55Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 56Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 57Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 58Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 55
PIC12F508/509/16F505
7.9
Power-down Mode (Sleep)
A device may be powered down (Sleep) and later
powered up (wake-up from Sleep).
7.9.1
SLEEP
The Power-Down mode is entered by executing a
SLEEP
instruction.
If enabled, the Watchdog Timer will be cleared but
keeps running, the TO bit (STATUS<4>) is set, the PD
bit (STATUS<3>) is cleared and the oscillator driver is
turned off. The I/O ports maintain the status they had
before the SLEEP instruction was executed (driving
high, driving low or high-impedance).
For lowest current consumption while powered down,
the T0CKI input should be at VDD or VSS and the
(GP3/RB3)/MCLR/VPP pin must be at a logic high
level if MCLR is enabled.
7.9.2
WAKE-UP FROM SLEEP
The device can wake-up from Sleep through one of
the following events:
1.
An external Reset input on (GP3/RB3)/MCLR/
VPP pin, when configured as MCLR.
2.
A Watchdog Timer time-out Reset (if WDT was
enabled).
3.
A change on input pin GP0/RB0, GP1/RB1,
GP3/RB3 or RB4 when wake-up on change is
enabled.
These events cause a device Reset. The TO, PD and
GPWUF/RBWUF bits can be used to determine the
cause of device Reset. The TO bit is cleared if a WDT
time-out occurred (and caused wake-up). The PD bit,
which is set on power-up, is cleared when SLEEP is
invoked. The GPWUF/RBWUF bit indicates a change
in state while in Sleep at pins GP0/RB0, GP1/RB1,
GP3/RB3 or RB4 (since the last file or bit operation on
GP/RB port).
The WDT is cleared when the device wakes from
Sleep, regardless of the wake-up source.
7.10
Program Verification/Code
Protection
If the code protection bit has not been programmed, the
on-chip program memory can be read out for
verification purposes.
The first 64 locations and the last location (OSCCAL)
can be read, regardless of the code protection bit
setting.
The last memory location can be read regardless of the
code protection bit setting on the PIC12F508/509/
16F505 devices.
7.11
ID Locations
Four memory locations are designated as ID locations
where the user can store checksum or other code
identification
numbers.
These
locations
are
not
accessible during normal execution, but are readable
and writable during Program/Verify.
Use only the lower 4 bits of the ID locations and always
program the upper 8 bits as ‘0’s.
7.12
In-Circuit Serial Programming™
The PIC12F508/509/16F505 microcontrollers can be
serially programmed while in the end application circuit.
This is simply done with two lines for clock and data,
and three other lines for power, ground and the
programming voltage. This allows customers to manu-
facture boards with unprogrammed devices and then
program the microcontroller just before shipping the
product. This also allows the most recent firmware, or
a custom firmware, to be programmed.
The devices are placed into a Program/Verify mode by
holding the GP1/RB1 and GP0/RB0 pins low while
raising the MCLR (VPP) pin from VIL to VIHH (see
programming specification). GP1/RB1 becomes the
programming clock and GP0/RB0 becomes the
programming data. Both GP1/RB1 and GP0/RB0 are
Schmitt Trigger inputs in this mode.
After Reset, a 6-bit command is then supplied to the
device. Depending on the command, 14 bits of program
data are then supplied to or from the device, depending
if the command was a Load or a Read. For complete
details of serial programming, please refer to the
PIC12F508/509/16F505 Programming Specifications.
A typical In-Circuit Serial Programming connection is
shown in Figure 7-15.
Note:
A Reset generated by a WDT time-out
does not drive the MCLR pin low.
Note:
Caution: Right before entering Sleep,
read the input pins. When in Sleep, wake-
up occurs when the values at the pins
change from the state they were in at the
last reading. If a wake-up on change
occurs and the pins are not read before re-
entering Sleep, a wake-up will occur
immediately even if no pins change while
in Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com