Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F505-I/MS Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16F505-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-I/MS Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16F505-I/MS Datasheet HTML 24Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 25Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 26Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 27Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 28Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 29Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 30Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 31Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
PIC12F508/509/16F505
DS41236E-page 28
© 2009 Microchip Technology Inc.
4.9
Indirect Data Addressing: INDF
and FSR Registers
The INDF register
is
not
a physical
register.
Addressing INDF actually addresses the register
whose address is contained in the FSR register (FSR
is a pointer). This is indirect addressing.
4.9.1
INDIRECT ADDRESSING
• Register file 07 contains the value 10h
• Register file 08 contains the value 0Ah
• Load the value 07 into the FSR register
• A read of the INDF register will return the value
of 10h
• Increment the value of the FSR register by one
(FSR = 08)
• A read of the INDR register now will return the
value of 0Ah.
Reading INDF itself indirectly (FSR = 0) will produce
00h. Writing to the INDF register indirectly results in a
no operation (although Status bits may be affected).
A simple program to clear RAM locations 10h-1Fh
using indirect addressing is shown in Example 4-1.
EXAMPLE 4-1:
HOW TO CLEAR RAM
USING INDIRECT
ADDRESSING
The FSR is a 5-bit wide register. It is used in conjunction
with the INDF register to indirectly address the data
memory area.
The FSR<4:0> bits are used to select data memory
addresses 00h to 1Fh.
FIGURE 4-7:
DIRECT/INDIRECT ADDRESSING (PIC12F508/509)
PIC12F508 – Does not use banking. FSR <7:5> are
unimplemented and read as ‘1’s.
PIC12F509 – Uses FSR<5>. Selects between bank 0
and bank 1. FSR<7:6> are unimplemented, read as
‘1’.
PIC16F505 – Uses FSR<6:5>. Selects from bank 0 to
bank 3. FSR<7> is unimplemented, read as ‘1’.
MOVLW
0x10
;initialize pointer
MOVWF
FSR
;to RAM
NEXT
CLRF
INDF
;clear INDF
;register
INCF
FSR,F
;inc pointer
BTFSC
FSR,4
;all done?
GOTO
NEXT
;NO, clear next
CONTINUE
:
;YES, continue
:
Note 1:
For register map detail, see Section 4.3 “Data Memory Organization”.
2:
PIC12F509.
Bank
Location Select
Location Select
Bank Select
Indirect Addressing
Direct Addressing
Data
Memory(1)
0Fh
10h
Bank 0
Bank 1(2)
0
4
5
6
(FSR)
00
01
00h
1Fh
3Fh
(opcode)
0
4
5
6
(FSR)
Addresses
map back to
addresses
in Bank 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com